Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK74CB44RTR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK74CB44RTR
Description  Quad 1 to 4 Buffalo??Clock Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK74CB44RTR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK74CB44RTR Datasheet HTML 1Page - Integrated Circuit Systems MK74CB44RTR Datasheet HTML 2Page - Integrated Circuit Systems MK74CB44RTR Datasheet HTML 3Page - Integrated Circuit Systems MK74CB44RTR Datasheet HTML 4Page - Integrated Circuit Systems MK74CB44RTR Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MK74CB44
Quad 1 to 4 Buffalo™ Clock Driver
MDS 74CB44 B
1
Revision 022000
Printed 11/17/00
Integrated Circuit Systems, Inc. • 525 Race St. • San Jose • CA • 95126 • (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
• Tiny 28 pin SSOP (150 mil) package
• Quad one input to four output clock drivers
• Outputs are skew matched to within 250ps
• A, B, C and D banks matched to 250ps
• 3.3V±10% and/or 5V±10% supply voltage
• Clock speeds up to 200 MHz
• For tighter skew matching, more outputs, or
other speeds, consult ICS for other solutions
The MK74CB44 Buffalo™ is a monolithic
CMOS high speed clock driver. It consists of
four identical single input to four low-skew
output, non-inverting clock drivers. When
combined with ICS’s MK series of low jitter
clock synthesizers, the chips form an unequaled
high performance clocking scheme. This
monolithic solution can eliminate concern for
part-to-part skew matching. The MK74CB44 is
packaged in the tiny 28 pin SSOP, which uses the
same board space as the narrow 16 pin SOIC.
GND
QD0
Block Diagram
Description
Features
Family of ICS Parts
The MK74CB44 Buffalo™ is designed to be used
with ICS’s clock synthesizer devices. The inputs
of the Buffalo are matched to the outputs of ICS
clock synthesizers. Consult ICS for applications
support.
QD1
QD2
QD3
QC0
QC1
QC3
QC2
IND
QA0
QA1
QA2
QA3
QB0
QB1
QB3
QB2
INA
INB
INC
4
VDD
4


Similar Part No. - MK74CB44RTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB115 ICST-MK74CB115 Datasheet
75Kb / 5P
   1 to 16 Buffalo??Clock Driver
MK74CB115R ICST-MK74CB115R Datasheet
75Kb / 5P
   1 to 16 Buffalo??Clock Driver
MK74CB115RTR ICST-MK74CB115RTR Datasheet
75Kb / 5P
   1 to 16 Buffalo??Clock Driver
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
MK74CB163R ICST-MK74CB163R Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
More results

Similar Description - MK74CB44RTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB115 ICST-MK74CB115 Datasheet
75Kb / 5P
   1 to 16 Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218 IDT-MK74CB218 Datasheet
161Kb / 7P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB218 ICST-MK74CB218 Datasheet
77Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218B IDT-MK74CB218B Datasheet
143Kb / 8P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB214 ICST-MK74CB214 Datasheet
48Kb / 4P
   Dual 1 to 7 Buffalo??Clock Driver
MK74CB217 ICST-MK74CB217 Datasheet
76Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Renesas Technology Corp
MK74CB218 RENESAS-MK74CB218 Datasheet
423Kb / 8P
   DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER
051310
logo
Integrated Circuit Syst...
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
logo
Renesas Technology Corp
MK74CB218B RENESAS-MK74CB218B Datasheet
320Kb / 9P
   DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER
011813
logo
National Semiconductor ...
CGS2535V NSC-CGS2535V Datasheet
69Kb / 8P
   Commercial Quad 1 to 4 Clock Drivers/Industrial Quad 1 to 4 Clock Drivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com