Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK74ZD133 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # MK74ZD133
Description  PLL and 32-Output Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK74ZD133 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  MK74ZD133 Datasheet HTML 1Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 2Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 3Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 4Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 5Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 6Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 7Page - Integrated Circuit Systems MK74ZD133 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MK74ZD133
PLL and 32-Output Clock Driver
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
MDS 74ZD133 C
6
Revision 010899
Printed 11/17/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (Note 1)
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
0.5
VDD+0.5
V
Clock Outputs
Referenced to GND
0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
C
Soldering Temperature
Max of 10 seconds
260
C
Storage Temperature
-65
150
C
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
Operating Voltage, VDD
3.15
3.3
3.45
V
Required External VDD Power Supply Ramp
To 90% VDD
0.1
50
ms
Input High Voltage, VIH (S0-S4, OE)
2.0
V
Input Low Voltage, VIL (S0-S4, OE)
0.8
V
Output High Voltage
IOH=-4mA
VDD-0.4
V
Output High Voltage
IOH=-12mA
2.4
V
Output Low Voltage
IOL=12mA
0.8
V
Operating Supply Current, IDD, at 66.6 MHz
No Load, F package
135
mA
Operating Supply Current, IDD, at 133 MHz
No Load, Y package
270
mA
Short Circuit Current at 3.3V
Each output
±35
mA
Input Capacitance
OE, FBIN, CLKIN
5
pF
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
Input Clock Frequency
See page 5
3
80
MHz
Output Clock Frequency, F package
80
MHz
Output Clock Frequency, Y package
Note 2.
133.34
MHz
Input to Output skew, Rising Edges at VDD/2
Zero Delay Mode, nt. 3
±100
±350
ps
Device to Device skew, VDD/2, ZD mode
OUT1 to OUT1
700
ps
Output to Output skew, Rising Edges at VDD/2
Plus offsets
±150
see pages 4,5
ps
Output Clock Rise Time, into 33
Ω and 15pF
0.8 to 2.0V
1.5
2
ns
Output Clock Fall Time, into 33
Ω and 15pF
2.0 to 0.8V
1.5
2
ns
Total Capacitive Load on all outputs, still air
133 MHz
320
pf
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Assumes maximum of 10 pF loads on all outputs in still air, and a thermal ground pad under the LQFP. For 15 pF loads on each
output, air circulation of TBD must be present.
3. From CLKIN to OUT1
External Components
The MK74ZD133 requires some inexpensive external components for proper operation.
Decoupling
capacitors of 0.01µF should be connected on each VDDxx pin to ground, as close to the device as possible
(adjacent VDDs can be connected together). A series termination resistor of 33
Ω must be used for each
clock output. See the discussion on page 5 for other external resistors required for proper I/O operation.


Similar Part No. - MK74ZD133

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB115 ICST-MK74CB115 Datasheet
75Kb / 5P
   1 to 16 Buffalo??Clock Driver
MK74CB115R ICST-MK74CB115R Datasheet
75Kb / 5P
   1 to 16 Buffalo??Clock Driver
MK74CB115RTR ICST-MK74CB115RTR Datasheet
75Kb / 5P
   1 to 16 Buffalo??Clock Driver
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
MK74CB163R ICST-MK74CB163R Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
More results

Similar Description - MK74ZD133

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Motorola, Inc
MC88PL117 MOTOROLA-MC88PL117 Datasheet
139Kb / 11P
   CMOS PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com