Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK712RI Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # MK712RI
Description  Touch Screen Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712RI Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button MK712RI Datasheet HTML 5Page - Integrated Circuit Systems MK712RI Datasheet HTML 6Page - Integrated Circuit Systems MK712RI Datasheet HTML 7Page - Integrated Circuit Systems MK712RI Datasheet HTML 8Page - Integrated Circuit Systems MK712RI Datasheet HTML 9Page - Integrated Circuit Systems MK712RI Datasheet HTML 10Page - Integrated Circuit Systems MK712RI Datasheet HTML 11Page - Integrated Circuit Systems MK712RI Datasheet HTML 12Page - Integrated Circuit Systems MK712RI Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
9
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
XH
XL
YL
MK712
FULL
SCALE
(4095)
X
CO-ORDINATE
BOARD AND WIRE
INTERCONNECT
SCREEN
INTERCONNECT
SCREEN
SCREEN
INTERCONNECT
BOARD AND WIRE
INTERCONNECT
Analog to Digital Converter Operation
The 12-bit ADC converts X and Y co-ordinates at a rate determined by registers 6 and 7. The
converter uses a ratiometric technique to give absolute co-ordinates on the screen, largely independent
of variations in screen resistance, temperature or power supply voltage. The total voltage applied across
the screen is defined as full-scale for the converter (i.e. 4095) and any point touched on the screen is
proportional to this. For example, if the screen is touched exactly in the center, the converter will read
2047. This feature may allow for the elimination of calibration upon startup.
However, the full scale voltage is defined at the IC pins and so any parasitic interconnect resistance will
be included in full scale. In addition, the interconnect resistances on the screen also account for about
20% of the total resistance. This means that approximately the bottom 10% and top 10% of full scale
are inaccessible.
The converter is guaranteed to be monotonic, with no missing codes.


Similar Part No. - MK712RI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712RI IDT-MK712RI Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
MK712RITR IDT-MK712RITR Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
More results

Similar Description - MK712RI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com