Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK712RI Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK712RI
Description  Touch Screen Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712RI Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK712RI Datasheet HTML 1Page - Integrated Circuit Systems MK712RI Datasheet HTML 2Page - Integrated Circuit Systems MK712RI Datasheet HTML 3Page - Integrated Circuit Systems MK712RI Datasheet HTML 4Page - Integrated Circuit Systems MK712RI Datasheet HTML 5Page - Integrated Circuit Systems MK712RI Datasheet HTML 6Page - Integrated Circuit Systems MK712RI Datasheet HTML 7Page - Integrated Circuit Systems MK712RI Datasheet HTML 8Page - Integrated Circuit Systems MK712RI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
2
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Number
Name
Type
Description
1
NC
-
No Connect
2
INT
O
Interrupt. Goes high to signal an interrupt. Cleared on next read.
3
TOUCH
O
Touch signal. Goes low when screen is touched. Goes high when not touched.
4
VDD
P
Connect to +5V or +3.3V.*
5
VDD
P
Connect to +5V or +3.3V.*
6
XH
TS
Connect to X-high on touch screen. (Right side)
7
XL
TS
Connect to X-low on touch screen. (Left side)
8
YH
TS
Connect to Y-high on touch screen. (Top)
9
YL
TS
Connect to Y-low on touch screen. (Bottom)
10
GND
P
Connect to ground.
11
GND
P
Connect to ground.
12
WR
I
Write enable. Active low.
13
RD
I
Read enable. Active low.
14
CS
I
Chip select. Active low.
15
A2
I
Register address 2.
16
A1
I
Register address 1.
17
A0
I
Register address 0.
18
CLKIN
I
Clock input. Typically 14.3 MHz. Best if driven by a MicroClock clock synthesizer.
19
D7
I/O
Data bit 7.
20
D6
I/O
Data bit 6.
21
GND
P
Connect to ground.
22
VDD
P
Connect to +5V or +3.3V.*
23
D5
I/O
Data bit 5.
24
D4
I/O
Data bit 4.
25
D3
I/O
Data bit 3.
26
D2
I/O
Data bit 2.
27
D1
I/O
Data bit 1.
28
D0
I/O
Data bit 0.
Pin Descriptions
Key: I = Input, O = Output, I/O = Input and Output, P = Power, TS = Touch Screen pin..
*Note: All VDD’s must be connected to the same voltage.
Interrupts
Interrupts are controlled by register 6 (see Register Description). The INT pin (pin 2) goes high to
signal an interrupt. Interrupts are then cleared by reading any register. However, if the MK712 is in the
process of generating an interrupt during a read cycle, then the interrupt is not cleared and INT will stay
high. This internal process may take 100ns, and so to guarantee that the interrupt is cleared, two
successive read cycles may be necessary.


Similar Part No. - MK712RI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712RI IDT-MK712RI Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
MK712RITR IDT-MK712RITR Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
More results

Similar Description - MK712RI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com