Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK74CB115RTR Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK74CB115RTR
Description  1 to 16 Buffalo??Clock Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK74CB115RTR Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK74CB115RTR Datasheet HTML 1Page - Integrated Circuit Systems MK74CB115RTR Datasheet HTML 2Page - Integrated Circuit Systems MK74CB115RTR Datasheet HTML 3Page - Integrated Circuit Systems MK74CB115RTR Datasheet HTML 4Page - Integrated Circuit Systems MK74CB115RTR Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MK74CB115
1 to 16 Buffalo™ Clock Driver
MDS 74CB115 D
5
Revision 020800
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race St. • San Jose • CA • 95126 • (408) 295-9800tel • www.icst.com
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, ICS Incorporated assumes no responsibility for either its use or for the infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
Buffalo is a trademark of ICS Incorporated
Part/Order Number
Marking
Package
Temperature
MK74CB115R
MK74CB115R
28 pin SSOP
0-70°C
MK74CB115RTR
MK74CB115R
Add Tape & Reel
0-70°C
28 pin SSOP
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.102
0.254
b
0.008
0.012
0.203
0.305
c
0.007
0.010
0.191
0.254
D
0.386
0.394
9.804
10.008
e
.025 BSC
.025 BSC
0.635 BSC
0.635 BSC
E
0.228
0.244
5.791
6.198
E1
0.150
0.157
3.810
3.988
L
0.016
0.050
0.406
1.270
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
b
D
E1
E
e
A1
c
A
L
INDEX
AREA
1
2


Similar Part No. - MK74CB115RTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
MK74CB163R ICST-MK74CB163R Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
MK74CB163RTR ICST-MK74CB163RTR Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
More results

Similar Description - MK74CB115RTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218 IDT-MK74CB218 Datasheet
161Kb / 7P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB218 ICST-MK74CB218 Datasheet
77Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
MK74CB44 ICST-MK74CB44 Datasheet
73Kb / 5P
   Quad 1 to 4 Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218B IDT-MK74CB218B Datasheet
143Kb / 8P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB214 ICST-MK74CB214 Datasheet
48Kb / 4P
   Dual 1 to 7 Buffalo??Clock Driver
MK74CB217 ICST-MK74CB217 Datasheet
76Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Renesas Technology Corp
MK74CB218 RENESAS-MK74CB218 Datasheet
423Kb / 8P
   DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER
051310
MK74CB218B RENESAS-MK74CB218B Datasheet
320Kb / 9P
   DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER
011813
logo
Pericom Semiconductor C...
PI6C487016 PERICOM-PI6C487016 Datasheet
425Kb / 8P
   Low Skew, 1-to-16 LVCMOS / LVTTL Clock Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com