Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNB14NV04 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNB14NV04
Description  fully autoprotected Power MOSFET
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB14NV04 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNB14NV04 Datasheet HTML 5Page - STMicroelectronics VNB14NV04 Datasheet HTML 6Page - STMicroelectronics VNB14NV04 Datasheet HTML 7Page - STMicroelectronics VNB14NV04 Datasheet HTML 8Page - STMicroelectronics VNB14NV04 Datasheet HTML 9Page - STMicroelectronics VNB14NV04 Datasheet HTML 10Page - STMicroelectronics VNB14NV04 Datasheet HTML 11Page - STMicroelectronics VNB14NV04 Datasheet HTML 12Page - STMicroelectronics VNB14NV04 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
VNB14NV04, VND14NV04, VND14NV04-1, VNS14NV04
Protection features
Doc ID 7393 Rev 9
9/31
3
Protection features
During normal operation, the input pin is electrically connected to the gate of the internal
power MOSFET through a low impedance path.
The device then behaves like a standard power MOSFET and can be used as a switch from
DC up to 50 KHz. The only difference from the user’s standpoint is that a small DC current
IISS (typ. 100 µA) flows into the input pin in order to supply the internal circuitry.
The device integrates:
Overvoltage clamp protection: internally set at 45 V, along with the rugged avalanche
characteristics of the Power MOSFET stage give this device unrivalled ruggedness and
energy handling capability. This feature is mainly important when driving inductive
loads.
Linear current limiter circuit: limits the drain current ID to Ilim whatever the input pin
voltages. When the current limiter is active, the device operates in the linear region, so
power dissipation may exceed the capability of the heatsink. Both case and junction
temperatures increase, and if this phase lasts long enough, junction temperature may
reach the over temperature threshold Tjsh.
Over temperature and short circuit protection: these are based on sensing the chip
temperature and are not dependent on the input voltage. The location of the sensing
element on the chip in the power stage area ensures fast, accurate detection of the
junction temperature. Over temperature cutout occurs in the range 150 to 190 °C, a
typical value being 170 °C. The device is automatically restarted when the chip
temperature falls of about 15 °C below shutdown temperature.
Status feedback: in the case of an over temperature fault condition (Tj > Tjsh), the
device tries to sink a diagnostic current Igf through the input pin in order to indicate fault
condition. If driven from a low impedance source, this current may be used in order to
warn the control circuit of a device shutdown. If the drive impedance is high enough so
that the input pin driver is not able to supply the current Igf, the input pin will fall to 0 V.
This will not however affect the device operation: no requirement is put on the current
capability of the input pin driver except to be able to supply the normal operation drive
current IISS.
Additional features of this device are ESD protection according to the Human Body model
and the ability to be driven from a TTL Logic circuit.


Similar Part No. - VNB14NV04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB14NV04 STMICROELECTRONICS-VNB14NV04 Datasheet
510Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04 Datasheet
388Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04 Datasheet
1Mb / 31P
   OMNIFET II fully autoprotected Power MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04 Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04 Datasheet
1Mb / 31P
   fully autoprotected Power MOSFET
More results

Similar Description - VNB14NV04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND10N06 STMICROELECTRONICS-VND10N06 Datasheet
510Kb / 25P
   fully autoprotected Power MOSFET
VNP10N07-E STMICROELECTRONICS-VNP10N07-E Datasheet
376Kb / 11P
   FULLY AUTOPROTECTED POWER MOSFET
VND5N07-E STMICROELECTRONICS-VND5N07-E Datasheet
618Kb / 24P
   fully autoprotected Power MOSFET
VNH50N04 STMICROELECTRONICS-VNH50N04 Datasheet
94Kb / 7P
   FULLY AUTOPROTECTED POWER MOSFET
VNB10N07-E STMICROELECTRONICS-VNB10N07-E Datasheet
399Kb / 14P
   FULLY AUTOPROTECTED POWER MOSFET
VNP35NV04-E STMICROELECTRONICS-VNP35NV04-E Datasheet
310Kb / 19P
   FULLY AUTOPROTECTED POWER MOSFET
VNN3NV04TR-E STMICROELECTRONICS-VNN3NV04TR-E Datasheet
469Kb / 26P
   fully autoprotected Power MOSFET
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
   Fully autoprotected power MOSFET
VNS3NV04P-E STMICROELECTRONICS-VNS3NV04P-E Datasheet
287Kb / 22P
   fully autoprotected Power MOSFET
VNP28N04-E STMICROELECTRONICS-VNP28N04-E Datasheet
374Kb / 11P
   FULLY AUTOPROTECTED POWER MOSFET
VNW50N04A STMICROELECTRONICS-VNW50N04A_04 Datasheet
307Kb / 12P
   FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com