Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK3711 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # MK3711
Description  LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3711 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  MK3711 Datasheet HTML 1Page - Integrated Circuit Systems MK3711 Datasheet HTML 2Page - Integrated Circuit Systems MK3711 Datasheet HTML 3Page - Integrated Circuit Systems MK3711 Datasheet HTML 4Page - Integrated Circuit Systems MK3711 Datasheet HTML 5Page - Integrated Circuit Systems MK3711 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
MDS 3711 F
6
Revision 070301
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
MK3711
Package Outline and Package Dimensions (8 pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Note 1: MK3711D is recommended for new designs.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
(Note 1)
Marking
Shipping
packaging
Package
Temperature
MK3711D
MK3711D
Tubes
8 pin SOIC
0 to +70
° C
MK3711DTR
MK3711D
Tape and Reel
8 pin SOIC
0 to +70
° C
MK3711B
MK3711B
Tubes
8 pin SOIC
0 to +70
° C
MK3711BTR
MK3711B
Tape and Reel
8 pin SOIC
0 to +70
° C
MK3711A
MK3711A
Tubes
8 pin SOIC
0 to +70
° C
MK3711ATR
MK3711A
Tape and Reel
8 pin SOIC
0 to +70
° C
MK3711S
MK3711S
Tubes
8 pin SOIC
0 to +70
° C
MK3711STR
MK3711S
Tape and Reel
8 pin SOIC
0 to +70
° C
D
EH
c
h x 450
b
e
Q
A
Pin 1
Index
Area
Millimeters
Inches
Symbol
MinMax
MinMax
A
1.35
1.75
0.0532
0.0688
A1
1.10
0.25
0.0040
0.0098
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
0.1497
0.1574
e
1.27 Basic
0.050 Basic
H
5.80
6.20
0.2284
0.2440
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
a0
°
8
°
0
°
8
°


Similar Part No. - MK3711

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
   LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
More results

Similar Description - MK3711

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
   LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
logo
Integrated Circuit Syst...
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
   LOW COST 27 MHZ 3.3 VOLT VCXO
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
   Low Cost 54 MHz 3.3 Volt VCXO
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
   LOW COST 27 MHZ 3.3 VOLT VCXO
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
   LOW COST 54 MHZ 3.3 VOLT VCXO
072805
logo
Integrated Circuit Syst...
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
   LOW COST 3.3 VOLT VCXO
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
   LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com