Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ90 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # 3.0SMCJ90
Description  3000W peak pulse power capability with a 10/1000us waveform
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

3.0SMCJ90 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  3.0SMCJ90 Datasheet HTML 1Page - Bruckewell Technology LTD 3.0SMCJ90 Datasheet HTML 2Page - Bruckewell Technology LTD 3.0SMCJ90 Datasheet HTML 3Page - Bruckewell Technology LTD 3.0SMCJ90 Datasheet HTML 4Page - Bruckewell Technology LTD 3.0SMCJ90 Datasheet HTML 5Page - Bruckewell Technology LTD 3.0SMCJ90 Datasheet HTML 6Page - Bruckewell Technology LTD 3.0SMCJ90 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3.0SMCJ_5.0_220A
Stand-off Voltage : 5.0 to 220V
Peak Pulse Power : 3000 W
Publication Order Number: [3.0SMCJ_5.0_220A]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage @ IT
(1)
Reverse
Stand-off
Voltage
Maximum
Reverse
Leakage
@ VWM
Maximum Peak
Pulse Surge
Current
Maximum
Clamping
Voltage
@ IPPM
VBR (V)
IT
VWM
ID
IPPM
VC
Min.
Max.
(mA)
(V)
μA
(A)
(V)
3.0SMCJ5.0
6.40
7.55
10
5.0
1000
312.5
9.6
3.0SMCJ5.0A
6.40
7.25
10
5.0
1000
326
9.2
3.0SMCJ6.0
6.67
8.45
10
6.0
1000
263.2
11.4
3.0SMCJ6.0A
6.67
7.67
10
6.0
1000
291.3
10.3
3.0SMCJ6.5
7.22
9.14
10
6.5
500
243.9
12.3
3.0SMCJ6.5A
7.22
8.30
10
6.5
500
267.9
11.2
3.0SMCJ7.0
7.78
9.86
10
7.0
200
225.6
13.3
3.0SMCJ7.0A
7.78
8.95
10
7.0
200
250
12.0
3.0SMCJ7.5
8.33
10.67
1.0
7.5
100
209.8
14.3
3.0SMCJ7.5A
8.33
9.58
1.0
7.5
100
232.6
12.9
3.0SMCJ8.0
8.89
11.30
1.0
8.0
50
200
15.0
3.0SMCJ8.0A
8.89
10.23
1.0
8.0
50
220.6
13.6
3.0SMCJ8.5
9.44
11.92
1.0
8.5
25
188.8
15.9
3.0SMCJ8.5A
9.44
10.82
1.0
8.5
25
208.4
14.4
3.0SMCJ9.0
10.0
12.6
1.0
9.0
10
177.4
16.9
3.0SMCJ9.0A
10.0
11.5
1.0
9.0
10
194.8
15.4
3.0SMCJ10
11.1
14.1
1.0
10
5
159.6
18.8
3.0SMCJ10A
11.1
12.8
1.0
10
5
176.4
17.0
3.0SMCJ11
12.2
15.4
1.0
11
5
149.2
20.1
3.0SMCJ11A
12.2
14.0
1.0
11
5
184.8
18.2
3.0SMCJ12
13.3
16.9
1.0
12
5
136.4
22.0
3.0SMCJ12A
13.3
15.3
1.0
12
5
150.6
19.9
3.0SMCJ13
14.4
18.2
1.0
13
5
126.0
23.8
3.0SMCJ13A
14.4
16.5
1.0
13
5
139.4
21.5
3.0SMCJ14
15.6
19.8
1.0
14
5
116.2
25.8
3.0SMCJ14A
15.6
17.9
1.0
14
5
129.4
23.2
3.0SMCJ15
16.7
21.1
1.0
15
5
111.6
26.9
3.0SMCJ15A
16.7
19.2
1.0
15
5
123.0
24.4
3.0SMCJ16
17.8
22.6
1.0
16
5
104.2
28.8


Similar Part No. - 3.0SMCJ90

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ90 WTE-3.0SMCJ90 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
3.0SMCJ90 RECTRON-3.0SMCJ90 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Won-Top Electronics
3.0SMCJ90 WTE-3.0SMCJ90 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ90 TSC-3.0SMCJ90 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ90 TSC-3.0SMCJ90 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ90

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
3.0SMCJ11C LUGUANG-3.0SMCJ11C Datasheet
216Kb / 4P
   3000W peak pulse power capability with 10/1000關s waveform
logo
AiT Semiconductor Inc.
SMDJ5.0CA AITSEMI-SMDJ5.0CA Datasheet
400Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER
REV1.0
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com