Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1A_J Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ES1A_J
Description  SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ES1A_J Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ES1A_J Datasheet HTML 1Page - Bruckewell Technology LTD ES1A_J Datasheet HTML 2Page - Bruckewell Technology LTD ES1A_J Datasheet HTML 3Page - Bruckewell Technology LTD ES1A_J Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES1A_J
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
Publication Order Number: [ES1A_J]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Plastic package has Underwriters Laboratory
• Flammability Classification 94V-0
• Glass passivated chip junctions
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power loss
• High temperature soldering guaranteed: 260°C/10
seconds on terminals
• RoHS Compliant Product
Mechanical Data
Case: JEDEC DO-214AC molded plastic body
Terminals: Solder plated, solderable per
MIL-STD-750,Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.065 gram
Packing & Order Information
5,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
ES1A
ES1B
ES1D
ES1G
ES1J
Unit
VRRM
Maximum repetitive peak reverse voltage
50
100
200
400
600
V
VRWS
Maximum RMS voltage
35
70
140
280
420
V
VDC
Maximum DC blocking voltage
50
100
200
400
600
V
IF(AV)
Maximum average forward rectified current
at TL=110°C
1
A
IFSM
Peak forward surge current 8.3ms single
half-sine-wave
30
A
VF
Maximum instantaneous forward voltage at
IFM=1.0A
0.95
1.7
V
IR
Maximum DC reverse current TJ=25°C
At rated DC blocking voltage TA=100°C
5
200
uA


Similar Part No. - ES1A_J

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES1A-13-F DIODES-ES1A-13-F Datasheet
111Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 11 - 2
logo
Bruckewell Technology L...
ES1A-1J BWTECH-ES1A-1J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES1A-1J CDIL-ES1A-1J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Jiangsu High diode Semi...
ES1A-28J-29 HDSEMI-ES1A-28J-29 Datasheet
1Mb / 4P
   SMAJ Plastic-Encapsulate Diodes
logo
Micro Commercial Compon...
ES1A-L MCC-ES1A-L Datasheet
302Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - ES1A_J

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ES2A BWTECH-ES2A Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
General Semiconductor
US1A GE-US1A Datasheet
85Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
ES2A-2J BWTECH-ES2A-2J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1A-1J BWTECH-ES1A-1J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A_J BWTECH-ES2A_J Datasheet
394Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES1A-1J CDIL-ES1A-1J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
US1A-M BWTECH-US1A-M Datasheet
406Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
US2A-M BWTECH-US2A-M Datasheet
321Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES2A-2J CDIL-ES2A-2J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com