Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP40 Datasheet(PDF) 5 Page - Bruckewell Technology LTD

Part # 5KP40
Description  5000W Peak Pulse Power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

5KP40 Datasheet(HTML) 5 Page - Bruckewell Technology LTD

  5KP40 Datasheet HTML 1Page - Bruckewell Technology LTD 5KP40 Datasheet HTML 2Page - Bruckewell Technology LTD 5KP40 Datasheet HTML 3Page - Bruckewell Technology LTD 5KP40 Datasheet HTML 4Page - Bruckewell Technology LTD 5KP40 Datasheet HTML 5Page - Bruckewell Technology LTD 5KP40 Datasheet HTML 6Page - Bruckewell Technology LTD 5KP40 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5KP_A
VRM : 5.0 - 180 Volts
PPK : 5000 Watts
Publication Order Number: [SZ303D - SZ30D0]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type
Breakdown Voltage @ IT
(Note 1)
Reverse
Stand off
Voltage
Maximum
Reverse
Leakage @
VRM
Maximum
Peak Pulse
Current
(Note2)
Maximum
Clamping
Voltage @
IPPM
Maximum
Temperature
Coefficient
of VBR
(%/°C)
VBR(V)
IT
VRM
IR
IPPM
VC
Min
Max
(mA)
(V)
(
μA)
(A)
(V)
5KP150A
167
184
5.0
160
10
21
242
0.112
5KP160
178
217
5.0
160
10
18
281
0.114
5KP160A
178
196
5.0
160
10
19
258
0.114
5KP170
189
231
5.0
170
10
17
298
0.114
5KP170A
189
209
5.0
170
10
18
274
0.114
5KP180
200
244
5.0
180
10
16
316
0.114
5KP180A
200
221
5.0
180
10
17
290
0.114
Note :
(1) VBR measured after IT applied for 300
μs, IT= square wave pulse or equivalen.
(2) Surge Current waveform per Fig.3 and Derate per Fig.2
(3) VF=3.5 Volts max. for devices of VR<100 V , and VF=5 Volts max. for devices of VR>100 V
(4) For Bi-directional devices having VR of 10 Volts and under the IR limit is doubled.


Similar Part No. - 5KP40

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP40 LUGUANG-5KP40 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP40 SURGE-5KP40 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP40 LUGUANG-5KP40 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP40 BILIN-5KP40 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
5KP40 YANGJIE-5KP40 Datasheet
185Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5KP40

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Surge Components
SES5VD923-2U SURGE-SES5VD923-2U Datasheet
317Kb / 6P
   100 Watts peak pulse power
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
   350 Watts peak pulse power
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
Nanjing International G...
ES5VD923 DGNJDZ-ES5VD923 Datasheet
677Kb / 4P
   100 Watts peak pulse power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com