Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE180CA Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # 1.5KE180CA
Description  Glass passvated junction chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1.5KE180CA Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  1.5KE180CA Datasheet HTML 1Page - Bruckewell Technology LTD 1.5KE180CA Datasheet HTML 2Page - Bruckewell Technology LTD 1.5KE180CA Datasheet HTML 3Page - Bruckewell Technology LTD 1.5KE180CA Datasheet HTML 4Page - Bruckewell Technology LTD 1.5KE180CA Datasheet HTML 5Page - Bruckewell Technology LTD 1.5KE180CA Datasheet HTML 6Page - Bruckewell Technology LTD 1.5KE180CA Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.5KE_CA
VBR : 6.8 - 440 Volts
PPK : 1500 Watts
Publication Order Number: [1.5KE_CA]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Glass passivated junction chip
• 1500W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Fast response time : typically less then 1.0 ps from 0
volt to VBR(min.)
Typical IR less then 1μA above 10V
• RoHS compliant package
Applications
• For Bi-directional without
“C”
• Electrical characteristics apply in both directions
Mechanical Data
• Case : DO-201 Molded plastic
• Epoxy : UL94V-0 rate flame retardant
• Lead : Axial lead solderable per MIL-STD-202, method
208 guaranteed
• Mounting position : Any
• Weight : 1.10 gram
Packing & Order Information
1,250/T
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Symbol
Parameter
Value
Unit
PPK
Peak Power Dissipation at Ta = 25ºC, Tp=1ms (Note1)
Minimum 1500
W
PD
Steady State Power Dissipation at TL = 75 °C
Lead Lengths 0.375", (9.5mm) (Note 2)
5.0
W
TJ, TSTG
Operating and Storage Temperature Range
-65 to + 175
°C
Notes:
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25 °C per Fig. 1
(2) Mounted on Copper Leaf area of 1.57 in2 (40mm
2).


Similar Part No. - 1.5KE180CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE180CA ONSEMI-1.5KE180CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE180CA LUGUANG-1.5KE180CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DB Lectro Inc
1.5KE180CA DBLECTRO-1.5KE180CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
HY ELECTRONIC CORP.
1.5KE180CA HY-1.5KE180CA Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Littelfuse
1.5KE180CA LITTELFUSE-1.5KE180CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5KE180CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3AB-DS2561 ETC1-S3AB-DS2561 Datasheet
67Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com