Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856-8W Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # BC856-8W
Description  PNP Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC856-8W Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  BC856-8W Datasheet HTML 1Page - Bruckewell Technology LTD BC856-8W Datasheet HTML 2Page - Bruckewell Technology LTD BC856-8W Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC856-8W
PNP Silicon Epitaxial Planar Transistor
Publication Order Number: [BC856-8W]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Ideally suited for automatic insertion.
• Power dissipation.(PC=200mW)
• RoHS compliant package
Applications
• General purpose switching and amplification
application
Packing & Order Information
3,000/Reel
Graphic symbol
ORDERING INFORMATION
Type No.
Marking
Package Code
BC856W
3As/3Bs
SOT-323
BC857W
3E/3F/3G
SOT-323
BC858W
3J/3K/3L
SOT-323


Similar Part No. - BC856-8W

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC856-A-AE3-R UTC-BC856-A-AE3-R Datasheet
176Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Pan Jit International I...
BC856-AU PANJIT-BC856-AU Datasheet
372Kb / 6P
   PNP GENERAL PURPOSE TRANSISTORS
BC856-AU_0_00001 PANJIT-BC856-AU_0_00001 Datasheet
372Kb / 6P
   PNP GENERAL PURPOSE TRANSISTORS
BC856-AU_0_10001 PANJIT-BC856-AU_0_10001 Datasheet
372Kb / 6P
   PNP GENERAL PURPOSE TRANSISTORS
BC856-AU_1_00001 PANJIT-BC856-AU_1_00001 Datasheet
372Kb / 6P
   PNP GENERAL PURPOSE TRANSISTORS
More results

Similar Description - BC856-8W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com