Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE39CA Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # 1.5KE39CA
Description  Glass passvated junction chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1.5KE39CA Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  1.5KE39CA Datasheet HTML 1Page - Bruckewell Technology LTD 1.5KE39CA Datasheet HTML 2Page - Bruckewell Technology LTD 1.5KE39CA Datasheet HTML 3Page - Bruckewell Technology LTD 1.5KE39CA Datasheet HTML 4Page - Bruckewell Technology LTD 1.5KE39CA Datasheet HTML 5Page - Bruckewell Technology LTD 1.5KE39CA Datasheet HTML 6Page - Bruckewell Technology LTD 1.5KE39CA Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.5KE_CA
VBR : 6.8 - 440 Volts
PPK : 1500 Watts
Publication Order Number: [1.5KE_CA]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
1.5KE22C
19.8
24.2
1.0
17.8
5.0
13.0
31.9
0.092
1.5KE22CA
20.9
23.1
1.0
18.8
5.0
14.0
30.6
0.092
1.5KE24C
21.6
26.4
1.0
19.4
5.0
12.0
34.7
0.094
1.5KE24CA
22.8
25.2
1.0
20.5
5.0
13.0
33.2
0.094
1.5KE27C
24.3
29.7
1.0
21.8
5.0
11.0
39.1
0.096
1.5KE27CA
25.7
28.4
1.0
23.1
5.0
11.2
37.5
0.096
1.5KE30C
27.0
33.0
1.0
24.3
5.0
10.0
43.5
0.097
1.5KE30CA
28.5
31.5
1.0
25.6
5.0
10.0
41.4
0.097
P4KE33C
29.7
36.6
1.0
26.8
5.0
9.0
47.7
0.098
1.5KE33CA
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
1.5KE36C
32.4
39.6
1.0
29.1
5.0
8.0
52.0
0.099
1.5KE36CA
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
1.5KE39C
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
1.5KE39CA
37.1
41.0
1.0
33.3
5.0
7.8
53.9
0.100
1.5KE43C
38.7
47.3
1.0
34.8
5.0
6.8
61.9
0.101
1.5KE43CA
40.9
45.2
1.0
36.8
5.0
7.1
59.3
0.101
1.5KE47C
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
1.5KE47CA
44.7
49.4
1.0
40.2
5.0
6.5
64.8
0.101
1.5KE51C
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
1.5KE51CA
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
1.5KE56C
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
1.5KE56CA
53.2
58.8
1.0
47.8
5.0
5.5
77.0
0.103
1.5KE62C
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
1.5KE62CA
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
1.5KE68C
61.2
74.8
1.0
55.1
5.0
4.3
98.0
0.104
1.5KE68CA
64.6
71.4
1.0
58.1
5.0
4.6
92.0
0.104
1.5KE75C
67.5
82.5
1.0
60.7
5.0
3.9
108
0.105
1.5KE75CA
71.3
78.8
1.0
64.1
5.0
4.1
103
0.105
1.5KE82C
73.8
90.2
1.0
66.4
5.0
3.6
118
0.105


Similar Part No. - 1.5KE39CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1.5KE39CA LUGUANG-1.5KE39CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
ON Semiconductor
1.5KE39CA ONSEMI-1.5KE39CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shanghai Yint Electroni...
1.5KE39CA YINT-1.5KE39CA Datasheet
682Kb / 5P
   1.5KE Transient Voltage Suppressor Diode Series
logo
DB Lectro Inc
1.5KE39CA DBLECTRO-1.5KE39CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Littelfuse
1.5KE39CA LITTELFUSE-1.5KE39CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5KE39CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3AB-DS2561 ETC1-S3AB-DS2561 Datasheet
67Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com