Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2732-05 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK2732-05
Description  Low Phase Noise VCXOMultiplier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2732-05 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK2732-05 Datasheet HTML 1Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 2Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 3Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK2732-05
Low Phase Noise VCXO+Multiplier
MDS 2732-05 D
4
Revision 122799
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA •95126•(408) 295-9800 tel• www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
MK2732-05S
MK2732-05S
tubes
16 pin SOIC
0-70 °C
MK2732-05STR
MK2732-05S
tape and reel
16 pin SOIC
0-70 °C
Revision history:
Version Revision
Comments
A
10308
Original
B
12078
CLK1 and CLK2 functions switched in 000 address, changed from x0.75 to x0.666 in 00M address,
changed name of VDD3.3 to VDDIO.
C
4289
Added jitter spec, changed VDD on VIH and VOH to VDDIO, lowered IDD. Added L dimension,
changed address. Eliminated “Preliminary”.
D
12279
Changed to JEDEC dimensions. Changed VDD to ±5%. Added Pullable Crystal Specifications.
B
D
E
H
e
A1
C
h x 45°
A
L
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
16 pin SOIC narrow
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.075
0.098
1.91
2.40
D
0.3859
0.3937
9.80
10.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27


Similar Part No. - MK2732-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06 RENESAS-MK2732-06 Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
MK2732-06G ICST-MK2732-06G Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06GI ICST-MK2732-06GI Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06GILF RENESAS-MK2732-06GILF Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
More results

Similar Description - MK2732-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06 RENESAS-MK2732-06 Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
logo
PhaseLink Corporation
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
PhaseLink Corporation
PLL502-67 PLL-PLL502-67 Datasheet
100Kb / 6P
   4 Outputs 12.5MHz - 200MHz Low Phase Noise Multiplier VCXO
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com