Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2732-05 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK2732-05
Description  Low Phase Noise VCXOMultiplier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2732-05 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK2732-05 Datasheet HTML 1Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 2Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 3Page - Integrated Circuit Systems MK2732-05 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK2732-05
Low Phase Noise VCXO+Multiplier
MDS 2732-05 D
3
Revision 122799
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA •95126•(408) 295-9800 tel• www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD5 = 5.0V unless noted)
DC CHARACTERISTICS (VDD5 = 5.0V unless noted)
Core Operating Voltage, VDD5
4.75
5.0
5.25
V
I/O Operating Voltage, VDDIO
3.15
3.3
VDD5
V
Input High Voltage, VIH, X1 pin only
3.5
2.5
V
Input Low Voltage, VIL, X1 pin only
2.5
1.5
V
Input High Voltage, VIH, binary inputs
S2, S1, OE
2
V
Input Low Voltage, VIL, binary inputs
S2, S1, OE
0.8
V
Input High Voltage, VIH, trinary input
S0, pin 10
VDDIO-0.5
V
Input Low Voltage, VIL, trinary input
S0, pin 10
0.5
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-8mA
VDDIO-0.4
V
Operating Supply Current, IDD
No Load
19
mA
Short Circuit Current
Each output
±100
mA
Input Capacitance
S2:S0, OE
7
pF
Frequency synthesis error
Both clocks
0
ppm
VIN, VCXO control voltage
0
3
V
AC CHARACTERISTICS (VDD5 = 5.0V unless noted)
AC CHARACTERISTICS (VDD5 = 5.0V unless noted)
Input Crystal Frequency
10
14.31818
MHz
Output Clock Frequency
2.5
85.9
MHz
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At VDDIO/2
40
60
%
Maximum Absolute Jitter
±100
ps
Phase Noise, relative to carrier
10 kHz offset
-115
dBc/Hz
Output pullability, note 2
0V
≤ VIN ≤ 3V
±100
ppm
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With an ICS/MicroClock approved pullable crystal.
Pullable Crystal Specifications:
Correlation (load) Capacitance
14 pF
CO/C1
240 max
ESR
35
Ω max
Operating Temperature
0 to 70 °C
Initial Accuracey
±20 ppm
Temperature plus Aging Stability
±50 ppm


Similar Part No. - MK2732-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06 RENESAS-MK2732-06 Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
MK2732-06G ICST-MK2732-06G Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06GI ICST-MK2732-06GI Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06GILF RENESAS-MK2732-06GILF Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
More results

Similar Description - MK2732-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06 RENESAS-MK2732-06 Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
logo
PhaseLink Corporation
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
PhaseLink Corporation
PLL502-67 PLL-PLL502-67 Datasheet
100Kb / 6P
   4 Outputs 12.5MHz - 200MHz Low Phase Noise Multiplier VCXO
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com