Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2731-03S Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2731-03S
Description  MPEG Audio Clock Synthesizer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2731-03S Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2731-03S Datasheet HTML 1Page - Integrated Circuit Systems MK2731-03S Datasheet HTML 2Page - Integrated Circuit Systems MK2731-03S Datasheet HTML 3Page - Integrated Circuit Systems MK2731-03S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2731-03C
MPEG Audio Clock Synthesizer
MDS 2731-03C D
1
Revision 011101
Integrated Circuit Systems, Inc.• 525 Race Street, San Jose, CA, 95126 • (408) 295-9800 tel • www.icst.com
Block Diagram
Description
Features
The MK2731-03 is a low cost, low jitter, high
performance PLL clock synthesizer designed to
replace oscillators and PLL circuits in set-top box
and multimedia systems. Using our proprietary
analog Phase-Locked Loop (PLL) techniques, the
device uses an inexpensive crystal or clock input to
produce up to three output clocks. All of the audio
frequencies are synthesized exactly, with zero ppm
error, and locked to the 27 MHz clock.
MicroClock manufactures the largest variety of
Set-Top Box and multimedia clock synthesizers
for all applications. Consult MicroClock to
eliminate VCXOs, crystals and oscillators from
your board.
• Packaged in 16 pin narrow SOIC
• Produces exact audio clocks from the video
• Uses a crystal or clock input
• Zero ppm synthesis error in all clocks
• All frequencies are frequency locked
• 25mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 3.3V or 5V operating voltage
Crystal
Oscillator
PLL/Clock
Synthesis
Circuitry
27 MHz crystal
or clock
Output
Buffer
CLK2
S2:0
3
Output
Buffer
CLK1
Output
Buffer
REF
X2
X1
(Capacitors are required
for crystal tuning)


Similar Part No. - MK2731-03S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
   MPEG Audio Clock
MK2731-04S ICST-MK2731-04S Datasheet
59Kb / 4P
   MPEG Audio Clock
MK2731-04STR ICST-MK2731-04STR Datasheet
59Kb / 4P
   MPEG Audio Clock
More results

Similar Description - MK2731-03S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK1413 ICST-MK1413 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
ICS650-12 ICST-ICS650-12 Datasheet
67Kb / 4P
   MPEG Clock Synthesizer
logo
Renesas Technology Corp
ICS650-12 RENESAS-ICS650-12 Datasheet
346Kb / 8P
   MPEG CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
   MPEG Audio Clock
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
logo
Renesas Technology Corp
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
   PLL AUDIO CLOCK SYNTHESIZER
042606
logo
Integrated Circuit Syst...
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
   PLL AUDIO CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com