Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73171-2682 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73171-2682
Description  75 Ohms, Mini BNC, Right-Angle Jack, Nickel, One Piece Per Bag
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73171-2682 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73171-2682 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73171-2682
Status:
Active
Overview:
BNC RF Connectors
Description:
75 Ohms, Mini BNC, Right-Angle Jack, Nickel, One Piece Per Bag
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73171
Overview
BNC RF Connectors
Product Name
mini-BNC
Style
PCB
UPC
800756688725
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
Yes
Orientation
Right Angle
PCB Mounting
Through Hole
PCB Thickness - Recommended
3.81mm
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
75#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73171-268
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73171Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73171-2682

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171-2680 MOLEX11-73171-2680 Datasheet
33Kb / 1P
   75 Ohms, Mini BNC, Right-Angle Jack, Nickel, Bulk
73171-2681 MOLEX11-73171-2681 Datasheet
33Kb / 1P
   75 Ohms, Mini BNC, Right-Angle Jack, Gold, Bulk
More results

Similar Description - 73171-2682

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731712682 MOLEX-0731712682_V01 Datasheet
52Kb / 1P
   75 Ohms, Mini BNC, Right-Angle Jack, Nickel, One Piece Per Bag
0731712682 MOLEX11-0731712682 Datasheet
73Kb / 1P
   75 Ohms, Mini BNC, Right-Angle Jack, Nickel, One Piece Per Bag
73415-3981 MOLEX11-73415-3981 Datasheet
34Kb / 1P
   75 Ohms, BNC Dual Jack, One Piece Per Bag
0734153981 MOLEX11-0734153981 Datasheet
54Kb / 1P
   75 Ohms, BNC Dual Jack, One Piece Per Bag
0731710561 MOLEX11-0731710561 Datasheet
66Kb / 1P
   75 Ohms, BNC Right-Angle PCB Receptacle, One Piece Per Bag
0731710561 MOLEX-0731710561_V01 Datasheet
57Kb / 1P
   75 Ohms, BNC Right-Angle PCB Receptacle, One Piece Per Bag
0734042980 MOLEX11-0734042980 Datasheet
29Kb / 1P
   75 Ohms, SMB Mini, Right-Angle, PCB Jack Receptacle, One Piece Per Bag
73100-0175 MOLEX11-73100-0175 Datasheet
34Kb / 1P
   75 Ohms, SMB Mini, Right-Angle, PCB Jack Receptacle, One Piece Per Bag
0731713231 MOLEX-0731713231 Datasheet
56Kb / 1P
   75 Ohms, BNC Vertical Jack, 3 Ghz, One Piece Per Bag
73412-0032 MOLEX11-73412-0032 Datasheet
36Kb / 1P
   75 Ohms, BNC Jack to Jack Adapter, Bulkhead, One Piece Per Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com