Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2049-03SI Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # MK2049-03SI
Description  Communications Clock PLLs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-03SI Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button MK2049-03SI Datasheet HTML 4Page - Integrated Circuit Systems MK2049-03SI Datasheet HTML 5Page - Integrated Circuit Systems MK2049-03SI Datasheet HTML 6Page - Integrated Circuit Systems MK2049-03SI Datasheet HTML 7Page - Integrated Circuit Systems MK2049-03SI Datasheet HTML 8Page - Integrated Circuit Systems MK2049-03SI Datasheet HTML 9Page - Integrated Circuit Systems MK2049-03SI Datasheet HTML 10Page - Integrated Circuit Systems MK2049-03SI Datasheet HTML 11Page - Integrated Circuit Systems MK2049-03SI Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MK2049-02/03
Communications Clock PLLs
MDS 2049-02/03 B
11
Revision 040601
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Determining the Crystal Frequency Adjustment Capacitors
To determine the crystal adjustment capacitor values, you will need a PC board of your final layout, a
frequency counter capable of less than 1 ppm resolution and accuracy, two power supplies, and some samples
of the crystals which you plan to use in production, along with measured initial accuracy for each crystal at
the specified load capacitance, CL .
To determine the value of the crystal capacitors:
1. Connect VDD of the MK2049 to 5.0 V. Connect pin 18 of the MK2049 to the second power supply.
Adjust the voltage on pin 18 to 0.0 V. Measure and record the frequency of the CLK1 or CLK2 output .
2. Adjust the voltage on pin 18 to 3.0 V. Measure and record the frequency of the same output.
To calculate the centering error:
Centering
error
(f3.0V - ftarget) + (f0.0V - ftarget)
ftarget
errorxtal
= 106
-
Where ftarget = 44.736000 MHz, for example, and errorxtal = actual initial accuracy (in ppm) of the
crystal being measured.
If the centering error is less than ±15 ppm, no adjustment is needed. If the centering error is more than
15 ppm negative, the PC board has too much stray capacitance and will need to be redone with a new layout
to reduce stray capacitance. (The crystal may be re-specified to a lower load capacitance instead. Contact ICS
MicroClock for details.) If the centering error is more than 15 ppm positive, add identical fixed centering
capacitors from each crystal pin to ground. The value for each of these caps (in pF) is given by:
External Capacitor = 2*(centering error)/(trim sensitivity)
Trim sensitivity is a parameter which can be supplied by your crystal vendor. If you do not know the value,
assume it is 30 ppm/pF. After any changes, repeat the measurement to verify that the remaining error is
acceptably low (less than ±15 ppm).
The MicroClock Applications department can perform this procedure on your board. Call us at 408-295-
9800, and we will arrange for you to send us a PC board (stuffed or unstuffed) and one of your crystals. We
will calculate the value of capacitors needed.
LAYOUT AND EXTERNAL COMPONENTS (continued)


Similar Part No. - MK2049-03SI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-01S ICST-MK2049-01S Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-01SI ICST-MK2049-01SI Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-01SITR ICST-MK2049-01SITR Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-01STR ICST-MK2049-01STR Datasheet
137Kb / 11P
   Communications Clock PLL
More results

Similar Description - MK2049-03SI

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
logo
Texas Instruments
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
MK2042-01 ICST-MK2042-01 Datasheet
81Kb / 6P
   Communications Clock Monitor
logo
Texas Instruments
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
logo
Integrated Circuit Syst...
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
   3.3V Communications Clock PLL
MK2058-01 ICST-MK2058-01 Datasheet
150Kb / 10P
   Communications Clock Jitter Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com