Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP64 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # 3KP64
Description  3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

3KP64 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  3KP64 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 3KP64 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 3KP64 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . 3KP64 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1)
PPK
Minimum 3000
Watts
FEATURES
MECHANICAL DATA
* 3000 Watts Surge Capability at 1ms
1.0ps from 0 volt to BV min.
* Typical IR less than 1 A above 10V
* Fast response time: Typically less than
* Low zener impedance
* Excellent clamping capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
3KP SERIES
VOLTAGE RANGE
R-6
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.360(9.1)
.360(9.1)
.340(8.6)
.340(8.6)
.052(1.3)
.048(1.2)
DIA.
DIA.
5.0 to 440 Volts
3000 Watts Peak Power
Power Dissipation on infinite heatsink at TL=75 C
PD
6.5
Watt
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
Maximum Instantenous Forward Voltage at 100A for
superimposed on rated load (JEDEC method) (NOTE 3)
Unidirectional only
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
IFSM
300
Amps
VF
3.5/5.0
Volts
NOTES:
1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2.
2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
3. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types 3KP5.0 thru 3KP440.
2. Electrical characteristics apply in both directions.
360


Similar Part No. - 3KP64

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP64 PANJIT-3KP64 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
3KP64 PANJIT-3KP64 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Surge Components
3KP64 SURGE-3KP64 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Nanjing International G...
3KP64 DGNJDZ-3KP64 Datasheet
77Kb / 3P
   3000 Watt Peak Power
logo
Won-Top Electronics
3KP64 WTE-3KP64 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3KP64

ManufacturerPart #DatasheetDescription
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
P6KE UNIOHM-P6KE Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
P6KE BYTES-P6KE Datasheet
305Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4KE DGNJDZ-P4KE Datasheet
349Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com