Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE300A Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # 1.5KE300A
Description  1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

1.5KE300A Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  1.5KE300A Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 1.5KE300A Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 1.5KE300A Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . 1.5KE300A Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (1.5KE SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
0.1
1.0
10
100
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
TA=25 C
FIG.2-PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE ( C)
TL, LEAD TEMPERATURE ( C)
0
25
50
75
100
125
150
175
0
25
50
75
100
FIG.3-PULSE WAVE FORM
FIG.4-TYPICAL JUNCTION CAPACITANCE
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
Tf=10 s
Peak Value
IPPM
Half Value-IPPM
2
TA=25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
5.0
10
20
50
100
200
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
10
100
1000
10000
Measured at
Stand-Off
Voltage(VMW)
Measued at
Zero Bias
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
0
25
50
75
100
125
150
175
200
0
1.25
2.50
3.75
5.00
FIG.5-STEADY STATE POWER DERATING CURVE
L=.375"(9.5mm)
20mm x 20mm x 1mm
Copper Heat Sink
(0.8" x 0.8" x .040")
FIG.6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT, UNIDIRECTIONAL
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
20
50
100
200
TJ=TJmax
8.3ms Single Half Sine-wave
JEDEC Method
UNIDIRECTIONAL ONLY
10/1000 sec Waveform
as Defined by R.E.A.
357


Similar Part No. - 1.5KE300A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE300A TRSYS-1.5KE300A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE300A LUGUANG-1.5KE300A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
UNIOHM CORPORATION
1.5KE300A UNIOHM-1.5KE300A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5KE300A VISHAY-1.5KE300A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Microsemi Corporation
1.5KE300A MICROSEMI-1.5KE300A Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1.5KE300A

ManufacturerPart #DatasheetDescription
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
1.5KE UNIOHM-1.5KE Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_07 Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com