Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB203 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # DB203
Description  SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

DB203 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  DB203 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . DB203 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
0
10
50
RATING AND CHARACTERISTIC CURVES (DB201S THRU DB207S)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100 120 140
3.0
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
Tj=25 C
Tj=25 C
FIG.1-TYPICAL FORWARD CURRENT
0.4
0.8
1.2
1.6
2.0
2.4
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0
25
50
75
100 125
150
175
0
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
40
20
60
100
80
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
AMBIENT TEMPERATURE ( C)
257


Similar Part No. - DB203

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DB203 LUGUANG-DB203 Datasheet
152Kb / 2P
   Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
DB203 ZSELEC-DB203 Datasheet
73Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
RFE international
DB203 RFE-DB203 Datasheet
920Kb / 3P
   Bridge Rectifiers
01-30-2023
logo
Leshan Radio Company
DB203 LRC-DB203 Datasheet
200Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Yangzhou yangjie electr...
DB203 YANGJIE-DB203 Datasheet
161Kb / 4P
   Bridge Rectifiers
More results

Similar Description - DB203

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
DB201GS DGNJDZ-DB201GS Datasheet
152Kb / 2P
   SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB201GS BYTESONIC-DB201GS Datasheet
218Kb / 2P
   SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL201 DGNJDZ-GBL201 Datasheet
67Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
2W005 FORMOSA-2W005 Datasheet
29Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
RS201 FORMOSA-RS201 Datasheet
29Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
2W10 DGNJDZ-2W10 Datasheet
220Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
D2SB05A DGNJDZ-D2SB05A Datasheet
67Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
KBP201 DGNJDZ-KBP201 Datasheet
408Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB201 YIXIN-DB201 Datasheet
157Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com