Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2049-34 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # MK2049-34
Description  3.3 V Communications Clock PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-34 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button MK2049-34 Datasheet HTML 3Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 4Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 5Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 6Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 7Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 8Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 9Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 10Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MK2049-34
3.3 V Communications Clock PLL
MDS 2049-34 C
9
Revision 121400
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Parameter
Minimum
Typical
Maximum
Units
Operating Temperature Range
0
25
70
°C
Initial Accuracy at 25 C
-20
20
ppm
Temperature stability
-30
30
ppm
Aging, first year
-5
5
ppm
Aging, 10 years
-20
20
ppm
Load Capacitance
Note 1
Shunt Capacitance, C0
7
pF
Motional Capacitance, C1
none
none
pF
C0/C1 ratio
250
none
Equivalent Series Resistance
35
Ohms
Crystal Specifications
*This ratio decreases for lower crystal frequencies.
EXTERNAL COMPONENT SELECTION (continued)
Note 1: Nominal crystal load capacitance specifications varies with frequency. Contact
the ICS MicroClock applications department at (408)297-1201
Note 2: The third overtone mode of the crystal and all spurs must be >200 ppm away
from 3x the fundamental resonance shown in the table below.
For recommended crystal devices, please contact the ICS MicroClock application department
at 408-297-1201.


Similar Part No. - MK2049-34

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
MK2049-34SAI ICST-MK2049-34SAI Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
MK2049-34SAITR ICST-MK2049-34SAITR Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34SI RENESAS-MK2049-34SI Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
More results

Similar Description - MK2049-34

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
   3.3V Communications Clock PLL
logo
Renesas Technology Corp
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
   3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com