Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2049-34 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # MK2049-34
Description  3.3 V Communications Clock PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-34 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button MK2049-34 Datasheet HTML 3Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 4Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 5Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 6Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 7Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 8Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 9Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 10Page - Integrated Circuit Systems MK2049-34 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MK2049-34
3.3 V Communications Clock PLL
MDS 2049-34 C
8
Revision 121400
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Loop Filter Components
CAP2
CAP1
5.6 nF
Crystal Operation
The MK2049 operates by phase locking the input signal to a VCXO which consists of the special
recommended crystal and the integrated VCXO oscillator circuit on the MK2049. To achieve the best
performance and reliability, the layout guidelines shown on the previous page must be closely followed.
The frequency of oscillation of a quartz crystal is determined by its cut and by the load capacitors connected
to it. The MK2049 has variable load capacitors on-chip which “pull”, or change the frequency of the crystal.
External stray capacitance must be kept to a minimum to ensure maximum pullability of the crystal. To
achieve this, the layout should use short traces between the MK2049 and the crystal.
The external loop filter should be connected between CAP1 and CAP2 as shown in Figure 3 below, and as
close to the chip as possible. High quality ceramic capacitors are recommended. DO NOT use any type of
polarized or electrolytic capacitor. Ceramic capacitors should have C0G or NP0 dielectric. Another
alternative is the Panasonic PPS polymer dielectric series; their part number for the 0.1 µF cap is
ECHU1C104JB5. Avoid high-K dielectrics like Z5U and X7R; these and other ceramics which have
piezolectric properties allow mechanical vibration in the system to increase the output jitter because the
mechanical energy is converted directly to voltage noise on the VCO input.
The MK2049-34 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.01µF must be connected between VDD and GND pins close to the chip (especially pins 4
and 7, 15 and 17), and 33
Ω series terminating resistors should be used on clock outputs with traces longer
than 1 inch (assuming 50
Ω traces). The selection of additional external components is described in the
following sections.
EXTERNAL COMPONENT SELECTION
470 k
0.1 µF
Figure 3. Loop Filter Component Values
(Typical component values are shown. Contact the ICS MicroClock applications
department at (408)297-1201 for the recommended values for your application)


Similar Part No. - MK2049-34

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
MK2049-34SAI ICST-MK2049-34SAI Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
MK2049-34SAITR ICST-MK2049-34SAITR Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34SI RENESAS-MK2049-34SI Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
More results

Similar Description - MK2049-34

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
   3.3V Communications Clock PLL
logo
Renesas Technology Corp
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
   3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com