Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4KB2 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # D4KB2
Description  SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

D4KB2 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  D4KB2 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . D4KB2 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
D4KB05 D4KB1 D4KB2 D4KB4
D4KB6 D4KB8 D4KB10
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
4.0
135
10
500
-65
+150
-65
+150
V
A
A
V
* Terminal:Plated leads solderable per MIL-202E,method 208C
* Cass: UL-94 Class V-0 recogmized Flane Retardant Epoxy
* Polarity: Polarity symbol marked on body
* Mounting position: Any
D4KB05 THRU D4KB10
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
4.0 Amperes
Dimensions in inches and (millimeters)
D3K
.162(4.11)
.138(3.51)
.130(3.3)
.114(2.9)
.110(2.8)
.094(2.4)
.437(11.1)
.413(10.5) .484(12.3)
.461(11.7)
.027(.70)
.014(.35)
.134(3.4)
.122(3.1)
.055(1.4)
.039(1.0)
.094(2.4)
.071(1.8)
.531(13.5)
.492(12.5)
.034(.86)
.026(.66)
.059(1.50)
.043(1.10)
.276(7.0)
.252(6.4)
.555(14.1)
.531(13.5)
AC
.09(2.29)
SPACING
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
.024(0.6)
R2
.375"(9.5mm) Lead Length at Tc=138 C
278
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
A
A


Similar Part No. - D4KB2

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D4KB2 SECOS-D4KB2 Datasheet
942Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivited Bridge Rectifiers
logo
Bytesonic Electronics C...
D4KB2 BYTESONIC-D4KB2 Datasheet
139Kb / 2P
   GLASSPASSIVATED BRIDGE
logo
HY ELECTRONIC CORP.
D4KB2 HY-D4KB2 Datasheet
495Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
D4KB2 YFWDIODE-D4KB2 Datasheet
456Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Leshan Radio Company
D4KB20 LRC-D4KB20 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results

Similar Description - D4KB2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RS401 DGNJDZ-RS401 Datasheet
177Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401M BYTES-RS401M Datasheet
148Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com