Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2049-01S Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # MK2049-01S
Description  Communications Clock PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-01S Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button MK2049-01S Datasheet HTML 3Page - Integrated Circuit Systems MK2049-01S Datasheet HTML 4Page - Integrated Circuit Systems MK2049-01S Datasheet HTML 5Page - Integrated Circuit Systems MK2049-01S Datasheet HTML 6Page - Integrated Circuit Systems MK2049-01S Datasheet HTML 7Page - Integrated Circuit Systems MK2049-01S Datasheet HTML 8Page - Integrated Circuit Systems MK2049-01S Datasheet HTML 9Page - Integrated Circuit Systems MK2049-01S Datasheet HTML 10Page - Integrated Circuit Systems MK2049-01S Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MK2049-01
Communications Clock PLL
MDS 2049-01 J
8
Revision 040601
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel •www.icst.com
Determining the Crystal Frequency Adjustment Capacitors
To determine the crystal adjustment capacitor values, you will need a PC board of your final layout, a
frequency counter capable of less than 1 ppm resolution and accuracy, two power supplies, and some samples
of the crystals which you plan to use in production, along with measured initial accuracy for each crystal at
the specified load capacitance, CL .
To determine the value of the crystal capacitors:
1. Connect VDD of the MK2049 to 5.0 V. Connect pin 18 of the MK2049 to the second power supply.
Adjust the voltage on pin 18 to 0.0 V. Measure and record the frequency of the CLK1 or CLK2 output .
2. Adjust the voltage on pin 18 to 3.0 V. Measure and record the frequency of the same output.
To calculate the centering error:
Centering
error
(f3.0V - ftarget) + (f0.0V - ftarget)
ftarget
errorxtal
= 106
-
Where ftarget = 44.736000 MHz, for example, and errorxtal = actual initial accuracy (in ppm) of the
crystal being measured.
If the centering error is less than ±15 ppm, no adjustment is needed. If the centering error is more than
15 ppm negative, the PC board has too much stray capacitance and will need to be redone with a new layout
to reduce stray capacitance. (The crystal may be re-specified to a lower load capacitance instead. Contact ICS
MicroClock for details.) If the centering error is more than 15 ppm positive, add identical fixed centering
capacitors from each crystal pin to ground. The value for each of these caps (in pF) is given by:
External Capacitor = 2*(centering error)/(trim sensitivity)
Trim sensitivity is a parameter which can be supplied by your crystal vendor. If you do not know the value,
assume it is 30 ppm/pF. After any changes, repeat the measurement to verify that the remaining error is
acceptably low (less than ±15 ppm).
The MicroClock Applications department can perform this procedure on your board. Call us at 408-295-
9800, and we will arrange for you to send us a PC board (stuffed or unstuffed) and one of your crystals. We
will calculate the value of capacitors needed.
LAYOUT AND EXTERNAL COMPONENTS (continued)


Similar Part No. - MK2049-01S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
MK2049-02S ICST-MK2049-02S Datasheet
148Kb / 12P
   Communications Clock PLLs
MK2049-02SI ICST-MK2049-02SI Datasheet
148Kb / 12P
   Communications Clock PLLs
MK2049-02SITR ICST-MK2049-02SITR Datasheet
148Kb / 12P
   Communications Clock PLLs
MK2049-02STR ICST-MK2049-02STR Datasheet
148Kb / 12P
   Communications Clock PLLs
More results

Similar Description - MK2049-01S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
   3.3V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
   Frame Rate Communications PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com