Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK1714-02RITR Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK1714-02RITR
Description  Spread Spectrum Multiplier Clock
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1714-02RITR Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK1714-02RITR Datasheet HTML 1Page - Integrated Circuit Systems MK1714-02RITR Datasheet HTML 2Page - Integrated Circuit Systems MK1714-02RITR Datasheet HTML 3Page - Integrated Circuit Systems MK1714-02RITR Datasheet HTML 4Page - Integrated Circuit Systems MK1714-02RITR Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MK1714-02
Spread Spectrum Multiplier Clock
MDS 1714-02 C
5
Revision 120400
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Package
Shipping
Temperature
MK1714-02R
MK1714-02R
20 pin SSOP
Tubes
0 to 70 °C
MK1714-02RTR
MK1714-02R
20 pin SSOP
Tape and Reel
0 to 70 °C
MK1714-02RI
MK1714-02RI
20 pin SSOP
Tubes
-40 to 85 °C
MK1714-02RITR
MK1714-02RI
20 pin SSOP
Tape and Reel
-40 to 85 °C
20 pin SSOP
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
b
0.008
0.012
0.20
0.30
c
0.007
0.010
0.19
0.25
D
0.337
0.344
8.56
8.74
e
.025 BSC
.025 BSC
0.65 BSC
0.65 BSC
E
0.228
0.244
5.79
6.20
E1
0.150
0.157
3.81
3.99
L
0.016
0.050
0.41
1.27
b
D
E1
E
e
A1
c
A
L
INDEX
AREA
1
2
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)


Similar Part No. - MK1714-02RITR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1714-02RILF RENESAS-MK1714-02RILF Datasheet
379Kb / 9P
   SPREAD SPECTRUM MULTIPLIER CLOCK
051310
MK1714-02RILFTR RENESAS-MK1714-02RILFTR Datasheet
379Kb / 9P
   SPREAD SPECTRUM MULTIPLIER CLOCK
051310
More results

Similar Description - MK1714-02RITR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1714-01 RENESAS-MK1714-01 Datasheet
404Kb / 10P
   SPREAD SPECTRUM MULTIPLIER CLOCK
051310
MK1714-02 RENESAS-MK1714-02 Datasheet
379Kb / 9P
   SPREAD SPECTRUM MULTIPLIER CLOCK
051310
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com