Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ12A Datasheet(PDF) 4 Page - Goodwork Semiconductor Co., Ltd .

Part # 5.0SMDJ12A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

5.0SMDJ12A Datasheet(HTML) 4 Page - Goodwork Semiconductor Co., Ltd .

  5.0SMDJ12A Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 5.0SMDJ12A Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 5.0SMDJ12A Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . 5.0SMDJ12A Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5000 Watt Surface Mount TVS
Uni
Bi
VR (V)
Min (V)
Max (V)
IT (mA)
IR (
µA)
Ipp (A)
Vc (V)
5.0SMDJ70
5.0SMDJ70C
5PGN 5BGN
70.0
77.80
95.10
1
5
40.00
125.0
5.0SMDJ70A
5.0SMDJ70CA
5PGP 5BGP
70.0
77.80
86.00
1
5
44.25
113.0
5.0SMDJ75
5.0SMDJ75C
5PGQ 5BGQ
75.0
83.30
102.00
1
5
37.31
134.0
5.0SMDJ75A
5.0SMDJ75CA
5PGR 5BGR
75.0
83.30
92.10
1
5
41.32
121.0
5.0SMDJ78
5.0SMDJ78C
5PGS 5BGS
78.0
86.70
106.00
1
5
35.97
139.0
5.0SMDJ78A
5.0SMDJ78CA
5PGT
5BGT
78.0
86.70
95.80
1
5
39.68
126.0
5.0SMDJ85
5.0SMDJ85C
5PGU 5BGU
85.0
94.40
115.00
1
5
33.11
151.0
5.0SMDJ85A
5.0SMDJ85CA
5PGV 5BGV
85.0
94.40
104.00
1
5
36.50
137.0
5.0SMDJ90
5.0SMDJ90C
5PGW 5BGW
90.0
100.00
122.00
1
5
31.25
160.0
5.0SMDJ90A
5.0SMDJ90CA
5PGX 5BGX
90.0
100.00
111.00
1
5
34.25
146.0
5.0SMDJ100
5.0SMDJ100C
5PGY 5BGY
100.0
111.00
136.00
1
5
27.93
179.0
5.0SMDJ100A
5.0SMDJ100CA
5PGZ
5BGZ
100.0
111.00
123.00
1
5
30.86
162.0
5.0SMDJ110
5.0SMDJ110C
5PHD 5BHD
110.0
122.00
149.00
1
5
25.51
196.0
5.0SMDJ110A
5.0SMDJ110CA
5PHE
5BHE
110.0
122.00
135.00
1
5
28.25
177.0
5.0SMDJ120
5.0SMDJ120C
5PHF
5BHF
120.0
133.00
163.00
1
5
23.36
214.0
5.0SMDJ120A
5.0SMDJ120CA
5PHG 5BHG
120.0
133.00
147.00
1
5
25.91
193.0
5.0SMDJ130
5.0SMDJ130C
5PHH 5BHH
130.0
144.00
176.00
1
5
21.65
231.0
5.0SMDJ130A
5.0SMDJ130CA
5PHK
5BHK
130.0
144.00
159.00
1
5
23.92
209.0
5.0SMDJ150
5.0SMDJ150C
5PHL
5BHL
150.0
167.00
204.00
1
5
18.66
268.0
5.0SMDJ150A
5.0SMDJ150CA
5PHM 5BHM
150.0
167.00
185.00
1
5
20.58
243.0
5.0SMDJ160
5.0SMDJ160C
5PHN 5BHN
160.0
178.00
218.00
1
5
17.42
287.0
5.0SMDJ160A
5.0SMDJ160CA
5PHP
5BHP
160.0
178.00
197.00
1
5
19.31
259.0
5.0SMDJ170
5.0SMDJ170C
5PHQ 5BHQ
170.0
189.00
231.00
1
5
16.45
304.0
5.0SMDJ170A
5.0SMDJ170CA
5PHR 5BHR
170.0
189.00
209.00
1
5
18.18
275.0
5.0SMDJ180
5.0SMDJ180C
5PHS
5BHS
180.0
200.00
244.00
1
5
15.52
322.2
5.0SMDJ180A
5.0SMDJ180CA
5PHT
5BHT
180.0
200.00
220.00
1
5
17.15
291.6
5.0SMDJ190
5.0SMDJ190C
5PHU 5BHU
190.0
211.00
258.00
1
5
14.70
340.1
5.0SMDJ190A
5.0SMDJ190CA
5PHV
5BHV
190.0
211.00
232.00
1
5
16.24
307.8
5.0SMDJ200A
5.0SMDJ200CA
5PHW 5BHW
200.0
224.00
247.00
1
5
15.43
324.0
5.0SMDJ220A
5.0SMDJ220CA
5PHX
5BHX
220.0
246.00
272.00
1
5
14.04
356.0
5.0SMDJ250A
5.0SMDJ250CA
5PHZ
5BHZ
250.0
279.00
309.00
1
5
12.35
405.0
5.0SMDJ300A
5.0SMDJ300CA
5PJE
5BJE
300.0
335.00
371.00
1
5
10.29
486.0
5.0SMDJ350A
5.0SMDJ350CA
5PJG
5BJG
350.0
391.00
432.00
1
5
8.82
567.0
5.0SMDJ400A
5.0SMDJ400CA
5PJK
5BJK
400.0
447.00
494.00
1
5
7.72
648.0
5.0SMDJ440A
5.0SMDJ440CA
5PJM
5BJM
440.0
492.00
543.00
1
5
7.01
713.0
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
@ Ipp
Part Number
(Uni)
Part Number
(Bi)
Device
Marking Code
Reverse
Standoff
Voltage
Breakdown Voltage VBR @ IT
Maximum
Reverse
Leakage
@ VR
391


Similar Part No. - 5.0SMDJ12A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ12A MDE-5.0SMDJ12A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
5.0SMDJ12A YFWDIODE-5.0SMDJ12A Datasheet
655Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 5000Watts
logo
Nanjing International G...
5.0SMDJ12A DGNJDZ-5.0SMDJ12A Datasheet
102Kb / 4P
   Plastic material has UL flammability classification 94V-O
logo
Shenzhen Luguang Electr...
5.0SMDJ12A LUGUANG-5.0SMDJ12A Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
5.0SMDJ12A LITTELFUSE-5.0SMDJ12A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 5.0SMDJ12A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com