Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK1449STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK1449STR
Description  Sound/SCSIFast Ethernet Clock
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1449STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK1449STR Datasheet HTML 1Page - Integrated Circuit Systems MK1449STR Datasheet HTML 2Page - Integrated Circuit Systems MK1449STR Datasheet HTML 3Page - Integrated Circuit Systems MK1449STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1
S0
CLK1
CLK2
0
0
test
test
0
1
40
25
1
0
49.152
12.288
1
1
x1.25
Reference
MK1449B
Sound/SCSI+Fast Ethernet Clock
MDS 1449B C
2
Revision 120799
Printed 11/15/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408)295-9800tel • www.icst.com
Pin Assignment
1
8
2
3
4
7
6
5
X1/ICLK
VDD
GND
CLK2
X2
S1
S0
CLK1
Number
Name
Type
Description
1
X1/ICLK
I
Crystal connection or clock input. Connect to a 14.31818MHz parallel resonant crystal.
2
VDD
P
Connect to +3.3V or +5V.
3
GND
P
Connect to ground.
4
CLK2
O
Clock 2 output per Table above.
5
CLK1
O
Clock 1 output per Table above.
6
S0
I
Select 0 for output clocks. Connect to GND or VDD. See table above.
7
S1
I
Select 1 for output clocks. Connect to GND or VDD. See table above.
8
X2
O
Crystal connection to a 14.31818 MHz crystal. Leave unconnected for clock input.
Pin Descriptions
Key: I = Input, O = output, P = power supply connection
Clock Decoding Table (MHz)
0 = connect directly to ground.
1 = connect directly to VDD.
In the 1,1 mode, crystals or clocks from
5 to 27 MHz can be used as an input.


Similar Part No. - MK1449STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
MK1442-01S ICST-MK1442-01S Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
MK1442-02S ICST-MK1442-02S Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
MK1442-03S ICST-MK1442-03S Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
MK1443-01S ICST-MK1443-01S Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
More results

Similar Description - MK1449STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
   Fast Ethernet Clock Source
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
   Fast Ethernet Clock Source
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
logo
Advanced Micro Devices
AM79C974 AMD-AM79C974 Datasheet
838Kb / 153P
   PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
logo
List of Unclassifed Man...
FAS216 ETC1-FAS216 Datasheet
49Kb / 8P
   Fast Architecture SCSI Processor
logo
Hynix Semiconductor
GM82C700 HYNIX-GM82C700 Datasheet
3Mb / 45P
   FAST SCSI-2 HOST ADAPTER
logo
Analog Devices
AD9574 AD-AD9574 Datasheet
873Kb / 35P
   Ethernet/Gigabit Ethernet Clock Generator
logo
Fujitsu Component Limit...
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
   FAST-20 SCSI Protocol Controller
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
   Ethernet Clock Generator, 10 Clock Outputs
REV. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com