Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD15252 Datasheet(PDF) 10 Page - Analog Devices

Part # AD15252
Description  12-Bit, 65 MSPS, Dual ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD15252 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD15252_15 Datasheet HTML 6Page - Analog Devices AD15252_15 Datasheet HTML 7Page - Analog Devices AD15252_15 Datasheet HTML 8Page - Analog Devices AD15252_15 Datasheet HTML 9Page - Analog Devices AD15252_15 Datasheet HTML 10Page - Analog Devices AD15252_15 Datasheet HTML 11Page - Analog Devices AD15252_15 Datasheet HTML 12Page - Analog Devices AD15252_15 Datasheet HTML 13Page - Analog Devices AD15252_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD15252
Rev. 0 | Page 10 of 20
0
–130
0
32.50
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
3.25
6.50
9.75 13.00 16.25 19.50 22.75 26.00 29.25
1
2
3
4
5
6
FREQUENCY (MHz)
0
–130
0
32.50
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
3.25
6.50
9.75 13.00 16.25 19.50 22.75 26.00 29.25
6
1
2
5
3
4
FREQUENCY (MHz)
Figure 15. Single-Tone FFT of Channel B Digitizing fIN = 70 MHz @ −9 dBFS
While Channel A Digitizes f
Figure 18. Single-Tone FFT of Channel A Digitizing fIN = 140 MHz @ −9 dBFS
While Channel B Digitizes f
IN
= 70 MHz @ −9 dBFS
IN
= 140 MHz @ −9 dBFS
0
–130
0
32.50
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
3.25
6.50
9.75 13.00 16.25 19.50 22.75 26.00 29.25
3
6
5
2
1
4
FREQUENCY (MHz)
0
–130
0
32.50
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
3.25
6.50
9.75 13.00 16.25 19.50 22.75 26.00 29.25
6
2
5
3
4
1
FREQUENCY (MHz)
Figure 16. Single-Tone FFT of Channel A Digitizing fIN = 110 MHz @ −9 dBFS
While Channel B Digitizes f
Figure 19. Single-Tone FFT of Channel B Digitizing fIN = 140 MHz @ −9 dBFS
While Channel A Digitizes f
IN
= 110 M z @ −9 dBFS
IN
= 140 MHz @ −9dBFS
0
–130
0
32.50
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
3.25
6.50
9.75 13.00 16.25 19.50 22.75 26.00 29.25
3
4
5
2
1
6
FREQUENCY (MHz)
Figure 17. Single-Tone FFT of Channel B Digitizing fIN = 110 MHz @ −9 dBFS
While Channel A Digitizes fIN = 110 MHz @ −9 dBFS
OBSOLETE


Similar Part No. - AD15252_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD15252/PCB AD-AD15252/PCB Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252BBC AD-AD15252BBC Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252PCB AD-AD15252PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD15252_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9226ARSZ AD-AD9226ARSZ Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226 AD-AD9226_15 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226 AD-AD9226 Datasheet
1Mb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. 0
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
logo
NXP Semiconductors
ADC1213D065 NXP-ADC1213D065 Datasheet
214Kb / 38P
   Dual 12-bit ADC; 65, 80, 105 or 125 Msps
Rev. 02-17 June 2009
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com