Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1020CT Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SR1020CT
Description  10.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SR1020CT Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SR1020CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SR1020CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
SR1020CT THRU SR10100CT
Typical Thermal Resistance R JC (Note 2)
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
VOLTAGE RANGE
20 to 100 Volts
CURRENT
10.0 Amperes
Operating
Storage Temperature Range TSTG
Temperature Range TJ
Dimensions in inches and (millimeters)
+
PIN 1
PIN 3
PIN 2
CASE
TO-220
.412
.248
.180
.050
.120
.158
.603(15.3)
.578(14.7)
.576(14.6)
.514(13.0)
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
10.0
150
0.5
50
3.0
V
V
A
A
V
mA
mA
pF
UNITS
V
0.55
0.85
0.70
380
14
21
28
35
42
56
70
20
30
40
50
60
80
100
20
30
40
50
60
80
100
SR
SR
SR
SR
SR
SR
SR
1020CT 1030CT
1040CT 1050CT 1060CT 1080CT 10100CT
-65
+150
-65
+150
C
C
C/W
at Tc=95 C
52


Similar Part No. - SR1020CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1020CT BILIN-SR1020CT Datasheet
102Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR1020CT SEMTECH_ELEC-SR1020CT Datasheet
248Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR1020CT LUGUANG-SR1020CT Datasheet
217Kb / 2P
   Dual Schottky Rectifiers
logo
Gaomi Xinghe Electronic...
SR1020CT GXELECTRONICS-SR1020CT Datasheet
341Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR1020CT CHENDA-SR1020CT Datasheet
175Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1020CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
   10.0 Amp. Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF1040-40V-ITO-220AC DGNJDZ-SRF1040-40V-ITO-220AC Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR10150F SECOS-MBR10150F_15 Datasheet
85Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_15 Datasheet
251Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com