Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1716 Datasheet(PDF) 4 Page - NEC

Part # UPA1716
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1716 Datasheet(HTML) 4 Page - NEC

  UPA1716 Datasheet HTML 1Page - NEC UPA1716 Datasheet HTML 2Page - NEC UPA1716 Datasheet HTML 3Page - NEC UPA1716 Datasheet HTML 4Page - NEC UPA1716 Datasheet HTML 5Page - NEC UPA1716 Datasheet HTML 6Page - NEC UPA1716 Datasheet HTML 7Page - NEC UPA1716 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet G13727EJ1V0DS00
4
µµµµPA1716
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
−0.1
−1
−10
−100
Pulsed
0
−2.0
−1.0
−3.0
−4.0
VDS =
−10 V
150˚C
125˚C
75˚C
25˚C
TA =
−25˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
−0.4
−0.6
−0.8
−10
−0.2
Pulsed
VGS =
−10 V
−40
−20
−30
−4.5 V −4V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID- Drain Current - A
−1
10
100
−10
−100
−0.1
VDS =
−10 V
Pulsed
−25˚C
25˚C
75˚C
125˚C
TA =
−50˚C
150˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
−5
10
−10
−15
Pulsed
30
20
ID =
−4 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
−1
20
−10
−100
Pulsed
0
−4.5 V
VGS =
−4 V
15
25
−10 V
GATE TO SOURCE CUTOFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS =
−10 V
ID =
−1 mA
−50
0
150
50
0
−0.5
100
−1.0
−1.5
−2.0


Similar Part No. - UPA1716

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1716 RENESAS-UPA1716 Datasheet
288Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
UPA1716G RENESAS-UPA1716G Datasheet
288Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - UPA1716

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1717 NEC-UPA1717 Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com