Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ Datasheet(PDF) 3 Page - Goodwork Semiconductor Co., Ltd .

Part # SMDJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SMDJ Datasheet(HTML) 3 Page - Goodwork Semiconductor Co., Ltd .

  SMDJ Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SMDJ Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SMDJ Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SMDJ Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3000 Watt Surface Mount TVS
Uni
Bi
VR (V)
Min (V)
Max (V)
IT (mA)
IR (
µA)
Ipp (A)
Vc (V)
SMDJ5.0
SMDJ5.0C
PDD
DDD
5.0
6.40
7.30
50
5000
312.50
9.6
SMDJ5.0A
SMDJ5.0CA
PDE
DDE
5.0
6.40
7.00
50
5000
326.09
9.2
SMDJ6.0
SMDJ6.0C
PDF
DDF
6.0
6.67
8.15
50
5000
263.16
11.4
SMDJ6.0A
SMDJ6.0CA
PDG DDG
6.0
6.67
7.37
50
5000
291.26
10.3
SMDJ6.5
SMDJ6.5C
PDH
DDH
6.5
7.22
8.82
50
2000
243.90
12.3
SMDJ6.5A
SMDJ6.5CA
PDK
DDK
6.5
7.22
7.98
50
2000
267.86
11.2
SMDJ7.0
SMDJ7.0C
PDL
DDL
7.0
7.78
9.51
50
1000
225.56
13.3
SMDJ7.0A
SMDJ7.0CA
PDM DDM
7.0
7.78
8.60
50
1000
250.00
12.0
SMDJ7.5
SMDJ7.5C
PDN
DDN
7.5
8.33
10.20
5
250
209.79
14.3
SMDJ7.5A
SMDJ7.5CA
PDP
DDP
7.5
8.33
9.21
5
250
232.56
12.9
SMDJ8.0
SMDJ8.0C
PDQ DDQ
8.0
8.89
10.90
5
150
200.00
15.0
SMDJ8.0A
SMDJ8.0CA
PDR
DDR
8.0
8.89
9.83
5
150
220.59
13.6
SMDJ8.5
SMDJ8.5C
PDS
DDS
8.5
9.44
11.50
5
50
188.68
15.9
SMDJ8.5A
SMDJ8.5CA
PDT
DDT
8.5
9.44
10.40
5
50
208.33
14.4
SMDJ9.0
SMDJ9.0C
PDU
DDU
9.0
10.00
12.20
5
20
177.51
16.9
SMDJ9.0A
SMDJ9.0CA
PDV
DDV
9.0
10.00
11.10
5
20
194.81
15.4
SMDJ10
SMDJ10C
PDW DDW
10.0
11.10
13.60
5
15
159.57
18.8
SMDJ10A
SMDJ10CA
PDX
DDX
10.0
11.10
12.30
5
15
176.47
17.0
SMDJ11
SMDJ11C
PDY
DDY
11.0
12.20
14.90
5
5
149.25
20.1
SMDJ11A
SMDJ11CA
PDZ
DDZ
11.0
12.20
13.50
5
5
164.84
18.2
SMDJ12
SMDJ12C
PED
DED
12.0
13.30
16.30
5
5
136.36
22.0
SMDJ12A
SMDJ12CA
PEE
DEE
12.0
13.30
14.70
5
5
150.75
19.9
SMDJ13
SMDJ13C
PEF
DEF
13.0
14.40
17.60
5
5
126.05
23.8
SMDJ13A
SMDJ13CA
PEG
DEG
13.0
14.40
15.90
5
5
139.53
21.5
SMDJ14
SMDJ14C
PEH
DEH
14.0
15.60
19.10
5
5
116.28
25.8
SMDJ14A
SMDJ14CA
PEK
DEK
14.0
15.60
17.20
5
5
129.31
23.2
SMDJ15
SMDJ15C
PEL
DEL
15.0
16.70
20.40
5
5
111.52
26.9
SMDJ15A
SMDJ15CA
PEM DEM
15.0
16.70
18.50
5
5
122.95
24.4
SMDJ16
SMDJ16C
PEN
DEN
16.0
17.80
21.80
5
5
104.17
28.8
SMDJ16A
SMDJ16CA
PEP
DEP
16.0
17.80
19.70
5
5
115.38
26.0
SMDJ17
SMDJ17C
PEQ
DEQ
17.0
18.90
23.10
5
5
98.36
30.5
SMDJ17A
SMDJ17CA
PER
DER
17.0
18.90
20.90
5
5
108.70
27.6
SMDJ18
SMDJ18C
PES
DES
18.0
20.00
24.40
5
5
93.17
32.2
SMDJ18A
SMDJ18CA
PET
DET
18.0
20.00
22.10
5
5
102.74
29.2
SMDJ20
SMDJ20C
PEU
DEU
20.0
22.20
27.10
5
5
83.80
35.8
SMDJ20A
SMDJ20CA
PEV
DEV
20.0
22.20
24.50
5
5
92.59
32.4
SMDJ22
SMDJ22C
PEW DEW
22.0
24.40
29.80
5
5
76.14
39.4
SMDJ22A
SMDJ22CA
PEX
DEX
22.0
24.40
26.90
5
5
84.51
35.5
SMDJ24
SMDJ24C
PEY
DEY
24.0
26.70
32.60
5
5
69.77
43.0
SMDJ24A
SMDJ24CA
PEZ
DEZ
24.0
26.70
29.50
5
5
77.12
38.9
SMDJ26
SMDJ26C
PFD
DFD
26.0
28.90
35.30
5
5
64.38
46.6
SMDJ26A
SMDJ26CA
PFE
DFE
26.0
28.90
31.90
5
5
71.26
42.1
SMDJ28
SMDJ28C
PFF
DFF
28.0
31.10
38.00
5
5
60.00
50.0
SMDJ28A
SMDJ28CA
PFG
DFG
28.0
31.10
34.40
5
5
66.08
45.4
SMDJ30
SMDJ30C
PFH
DFH
30.0
33.30
40.70
5
5
56.07
53.5
SMDJ30A
SMDJ30CA
PFK
DFK
30.0
33.30
36.80
5
5
61.98
48.4
SMDJ33
SMDJ33C
PFL
DFL
33.0
36.70
44.90
5
5
50.85
59.0
SMDJ33A
SMDJ33CA
PFM
DFM
33.0
36.70
40.60
5
5
56.29
53.3
SMDJ36
SMDJ36C
PFN
DFN
36.0
40.00
48.90
5
5
46.66
64.3
SMDJ36A
SMDJ36CA
PFP
DFP
36.0
40.00
44.20
5
5
51.64
58.1
SMDJ40
SMDJ40C
PFQ
DFQ
40.0
44.40
54.30
5
5
42.02
71.4
SMDJ40A
SMDJ40CA
PFR
DFR
40.0
44.40
49.10
5
5
46.51
64.5
386
Maximum
Clamping
Voltage
@ Ipp
Breakdown Voltage VBR @ IT
Maximum
Reverse
Leakage
@ VR
Reverse
Standoff
Voltage
Part Number
(Uni)
Part Number
(Bi)
Maximum
Peak
Pulse
Current
Device
Marking
Code


Similar Part No. - SMDJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Jiangsu High diode Semi...
SMDJ HDSEMI-SMDJ Datasheet
1Mb / 6P
   SMC Plastic-Encapsulate Diodes
logo
Socay Electornics Co., ...
SMDJ SOCAY-SMDJ Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMDJ LITTELFUSE-SMDJ Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
More results

Similar Description - SMDJ

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com