Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9250YF-16-T Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9250YF-16-T
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250YF-16-T Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9250YF-16-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9250YF-16-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9250YF-16-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9250YF-16-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9250YF-16-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9250YF-16-T Datasheet HTML 12Page - Integrated Circuit Systems ICS9250YF-16-T Datasheet HTML 13Page - Integrated Circuit Systems ICS9250YF-16-T Datasheet HTML 14Page - Integrated Circuit Systems ICS9250YF-16-T Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
ICS9250-16
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1B
1
VO = VDD*(0.5)
12
15
55
Output Impedance
RDSN1B
1
VO = VDD*(0.5)
12
15
55
Output High Voltage
VOH1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL1
IOL = 1 mA
0.55
V
VOH @ MIN = 1.0 V
-33
-106
VOH @ MAX = 3.135 V
-14
-33
VOL @ MIN = 1.95 V
30
94
VOL @ MAX = 0.4 V
29
38
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.4
1.3
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.4
1.4
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
51
55
%
Skew window
1
tsk1
VT = 1.5 V
250
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
150
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH1
mA
Output Low Current
IOL1
mA
Electrical Characteristics - REF, 48MHz_0 (Pin 25)
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP5B
1
VO = VDD*(0.5)
20
29
60
Output Impedance
RDSN5B
1
VO = VDD*(0.5)
20
27
60
Output High Voltage
VOH15
IOH = -1 mA
2.4
V
Output Low Voltage
VOL5
IOL = 1 mA
0.55
V
VOH @ MIN = 1.0 V
-29
-54
VOH @ MAX = 3.135 V
-11
-23
VOL @ MIN = 1.95 V
29
54
VOL @ MAX = 0.4 V
16
27
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
0.4
1.3
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
0.4
1.6
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
53
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V, Fixed clocks
130
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V, Ref clocks
465
1000
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH5
mA
Output Low Current
IOL5
mA


Similar Part No. - ICS9250YF-16-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9250YF-16-T RENESAS-ICS9250YF-16-T Datasheet
867Kb / 18P
   Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results

Similar Description - ICS9250YF-16-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com