Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1709 Datasheet(PDF) 2 Page - NEC

Part # UPA1709
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1709 Datasheet(HTML) 2 Page - NEC

  UPA1709 Datasheet HTML 1Page - NEC UPA1709 Datasheet HTML 2Page - NEC UPA1709 Datasheet HTML 3Page - NEC UPA1709 Datasheet HTML 4Page - NEC UPA1709 Datasheet HTML 5Page - NEC UPA1709 Datasheet HTML 6Page - NEC UPA1709 Datasheet HTML 7Page - NEC UPA1709 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
µµµµ PA1709
ELECTRICAL CHARACTERISTICS (TA = 25 °C, All terminals are connected.)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
RDS(on)1
VGS = 10 V, ID = 4.5 A
9.3
12.5
m
Drain to Source On-state Resistance
RDS(on)2
VGS = 4.5 V, ID = 4.5 A
13.8
20.0
m
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 4.5 A
8.0
14
S
Drain Leakage Current
IDSS
VDS = 40 V, VGS = 0 V
10
µ A
Gate to Source Leakage Current
IGSS
VGS = ±25 V, VDS = 0 V
±10
µ A
Input Capacitance
Ciss
1850
pF
Output Capacitance
Coss
790
pF
Reverse Transfer Capacitance
Crss
VDS = 10 V
VGS = 0 V
f = 1 MHz
330
pF
Turn-on Delay Time
td(on)
27
ns
Rise Time
tr
95
ns
Turn-off Delay Time
td(off)
110
ns
Fall Time
tf
ID = 4.5 A
VGS(on) = 10 V
VDD = 20 V
RG = 10
70
ns
Total Gate Charge
QG
43.0
nC
Gate to Source Charge
QGS
6.0
nC
Gate to Drain Charge
QGD
ID = 9.0 A
VDD = 32 V
VGS = 10 V
14.0
nC
Body Diode Forward Voltage
VF(S-D)
IF = 9.0 A, VGS = 0 V
0.78
V
Reverse Recovery Time
trr
47
ns
Reverse Recovery Charge
Qrr
IF = 9.0 A, VGS = 0 V
di/dt = 100 A/
µ s
44
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
D.U.T.
RL
VDD
RG
RG = 10
PG.
Duty Cycle
1 %
VGS (on)
90 %
0
10 %
90 %
ID
0
10 %
ID
VGS
90 %
10 %
td (on)
ton
toff
tr
td (off)
tf
VGS
Wave Form
ID
Wave Form
D.U.T.
50
PG.
VDD
IG = 2 mA
RL
0
VGS
t
t =
1 s


Similar Part No. - UPA1709

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1709 RENESAS-UPA1709 Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
logo
VBsemi Electronics Co.,...
UPA1709G VBSEMI-UPA1709G Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Renesas Technology Corp
UPA1709G RENESAS-UPA1709G Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
More results

Similar Description - UPA1709

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com