Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-5380_2015 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-5380_2015
Description  622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-5380_2015 Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-5380_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-5380_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-5380_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-5380_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-5380_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPS-5380-CXX0G
***********************************************************************************************************************************************************************
******************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V3.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-5
70
85
oC
SPS-5380-CXX0G
SPS-5380B-CXX0G
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-5
70
85
oC / SPS-5380-CXX0G
oC / SPS-5380B-CXX0G
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
622
Mb/s
Transmitter Specifications (0
oC < Topr < 70oC, 3.1V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
0
---
5
dBm
1
Output Center Wavelength
λ
λc –5.5
λc
λc +7.5
nm
2
Output Spectrum Width
∆λ
---
---
1
nm
-20 dB Width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
10
---
---
dB
Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU recommendation G.957
Optical Rise Time
tr
1.2
ns
10 % to 90% Values
Optical Fall Time
tf
1.2
ns
10 % to 90% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
0.5
2.4
V
Peak-to-Peak
TX Disable Input Voltage – Low
TDIS, L
0
0.5
V
3
TX Disable Input Voltage – High
TDIS, H
2.0
Vcc
V
3
TX Disable Assert Time
TASSERT
10
µs
TX Disable Deassert Time
TDEASSERT
1
ms
TX Fault Output Voltage -- Low
TFaultL
0
0.8
V
4
TX Fault Output Voltage -- High
TFaultH
2.0
Vcc+0.3
V
4
1. Output power is power coupled into a 9/125
µm single mode fiber.
2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1610 nm, each step 20 nm.
3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX.
4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
Receiver Specifications (0
oC < Topr < 70oC, 3.1V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
Sens
-29
dBm
4
Maximum Input Power
Pin
-8
dBm
4
Signal Detect -- Asserted
Pa
---
-29
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-40
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1100
---
1620
nm


Similar Part No. - SPS-5380_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5380-CXX0G OPTOWAY-SPS-5380-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380-CXX0G OPTOWAY-SPS-5380-CXX0G Datasheet
149Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380-CXX0G OPTOWAY-SPS-5380-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380AG OPTOWAY-SPS-5380AG Datasheet
148Kb / 4P
   3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380AG OPTOWAY-SPS-5380AG Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-5380_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-53120-CXX0G_2015 OPTOWAY-SPS-53120-CXX0G_2015 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_15 Datasheet
147Kb / 5P
   622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160-CXX0G OPTOWAY-SPS-53160-CXX0G_15 Datasheet
152Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200-CXX0G_2015 OPTOWAY-SPS-53200-CXX0G_2015 Datasheet
151Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200G_2015 OPTOWAY-SPS-53200G_2015 Datasheet
152Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380G_2015 OPTOWAY-SPS-5380G_2015 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5120G OPTOWAY-SPS-5120G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380 OPTOWAY-SPS-5380_15 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com