Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-4310RW_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-4310RW_2015
Description  10 km Digital DiagnosticMulti-Rate CPRI SM SFP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-4310RW_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-4310RW_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-4310RW_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-4310RW_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-4310RW_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-4310RW_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-4310RW-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2010/9/1 V2.0
1
SPS-4310RW-CXX0G
(RoHS Compliant)
6.144 Gbps / CWDM / 10 km Digital Diagnostic Multi-Rate CPRI SM SFP+
***********************************************************************************************************************************************************************
FEATURES
l CPRI / OBSAI Compatible Optical Interface
l 1 G to 6.25 G Multi-rate Specification
l Complaint to SFP+ MSA
l 18 Wavelength (λ): 1270 nm to 1610 nm CWDM DFB
LD Transmitter
l Distance up to 10 km
l Power Budget > 11 dB
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Radio Base Station
l OBSAI rates 6.144 Gb/s, 3.072 Gb/s, and 1.563 Gb/s
l CPRI rates 4.9152 Gb/s, 2.4576 Gb/s, and 1.2288 Gb/s
DESCRIPTION
The SPS-4310RW-CXX0G s series is a 1 to 6.25 Gb/s
single-mode
transceiver
module
for
serial
optical
communication applications for a radio base station system.
It is with the SFP 20-pin connector to allow hot plug
capability. Digital diagnostic functions are available via an
I
2C. This module is designed for single mode fiber and
operates at a nominal wavelength of CWDM wavelength.
There are eighteen center wavelengths available from 1270
nm to 1610 nm, with each step 20 nm. A guaranteed
minimum optical link budget of 11 dB is offered. The
transmitter section uses a CWDM multiple quantum well
DFB laser and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Power Budget
(dB)
Wavelength (nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-4310RW-CXX0G
1 to 6.25
> 11
CWDM*
SFP+ with DMI
0 to 70
Yes
CWDM* Wavelength (0 to 70
oC)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Clasp Color
Code
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Clasp Color
Code
-C270
1264.5
1270
1277.5
Light Purple
-C450
1444.5
1450
1457.5
Yellow Orange
-C290
1284.5
1290
1297.5
Sky Blue
-C470
1464.5
1470
1477.5
Gray
-C310
1304.5
1310
1317.5
Yellow Green
-C490
1484.5
1490
1497.5
Violet
-C330
1324.5
1330
1337.5
Yellow Ocher
-C510
1504.5
1510
1517.5
Blue
-C350
1344.5
1350
1357.5
Pink
-C530
1524.5
1530
1537.5
Green
-C370
1364.5
1370
1377.5
Beige
-C550
1544.5
1550
1557.5
Yellow
-C390
1384.5
1390
1397.5
White
-C570
1564.5
1570
1577.5
Orange
-C410
1404.5
1410
1417.5
Silver
-C590
1584.5
1590
1597.5
Red
-C430
1424.5
1430
1437.5
Black
-C610
1604.5
1610
1617.5
Brown
CWDM*: 18 Wavelengths from 1270 nm to 1610 nm, each step 20 nm.


Similar Part No. - SPS-4310RW_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4310RW-CXX0G OPTOWAY-SPS-4310RW-CXX0G Datasheet
165Kb / 5P
   6.144 Gbps / CWDM / 10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPS-4310RW OPTOWAY-SPS-4310RW_15 Datasheet
165Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SM SFP
More results

Similar Description - SPS-4310RW_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4310RW OPTOWAY-SPS-4310RW_15 Datasheet
165Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4920RLWG_2015 OPTOWAY-SPB-4920RLWG_2015 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4940RLWG_2015 OPTOWAY-SPB-4940RLWG_2015 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPS-4310RW-CXX0G OPTOWAY-SPS-4310RW-CXX0G Datasheet
165Kb / 5P
   6.144 Gbps / CWDM / 10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4810RLWG_2015 OPTOWAY-SPB-4810RLWG_2015 Datasheet
169Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4910RLWG_2015 OPTOWAY-SPB-4910RLWG_2015 Datasheet
169Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4910RLWG OPTOWAY-SPB-4910RLWG_15 Datasheet
169Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4810RLWG OPTOWAY-SPB-4810RLWG_15 Datasheet
169Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG_2015 OPTOWAY-SPB-4820RLWG_2015 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG OPTOWAY-SPB-4820RLWG_15 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SMSFP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com