Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

382275 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 382275
Description  600W Single Output Laboratory Grade DC Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

382275 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  382275_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/26/09 - R1
Dual Action Voltage and Current Control
Push knob for fine and coarse tuning
600W Single Output
Laboratory Grade DC Power Supply
Ordering Information:
382275 ..............Laboratory Grade Switching Mode DC Power Supply (120V)
382276 ..............Laboratory Grade Switching Mode DC Power Supply (230V)
Features:
0 to 30V, 20A adjustable output switching
mode power supply
Remote Control for output Voltage/Current
and On/Off
Two user-defined Voltage and Current
presets and one 13.8V/20A factory preset
Automatic Constant Current and Constant
Voltage crossover
Dual 3-Digit LED displays
High RFI immunity and excellent EMI
Thermostatic Control Fan from zero to full speed
Over voltage, over-temperature, and
short circuit protection
Low profile and small footprint
Complete with power cord
Specifications
Range
Output Voltage (Res.)
1 to 30V (100mV)
Output Current (Res.)
1 to 20A (100mA)
Basic accuracy
±(0.5%+2 digits)
Load Voltage Regulation
50mV
Line Voltage Regulation
20mV
Load Current Regulation
100mA min
Line Current Regulation
50mA min
Ripple and Noise
<5mVrms
Power
382275 - 120VAC, 50Hz/60Hz
382276 - 230V, 50Hz/60Hz
Dimensions
7.9 x 3.5 x 8.5" (200 x 90 x 215mm)
Weight
5.7lbs (2.6kg)


Similar Part No. - 382275_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382275 EXTECH-382275 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
More results

Similar Description - 382275_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382275 EXTECH-382275 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
382276 EXTECH-382276_15 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
logo
Extech Instruments Corp...
DCP60 EXTECH-DCP60 Datasheet
399Kb / 1P
   DCP60 600W Single Output Lab Grade Switching Power Supply
DCP60-220 EXTECH-DCP60-220 Datasheet
399Kb / 1P
   DCP60 600W Single Output Lab Grade Switching Power Supply
logo
Mean Well Enterprises C...
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com