Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248YF-64 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248YF-64
Description  AMD-K7TM System Clock Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-64 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248YF-64 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
ICS9248-64
1.
The ICS clock generator is a slave/receiver, I
2C component. It can read back the data stored in the latches for
verification. Read-Back will support Intel PIIX4 "Block-Read" protocol.
2.
The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode)
3.
The input is operating at 3.3V logic levels.
4.
The data byte format is 8 bit bytes.
5.
To simplify the clock generator I
2C interface, the protocol is set to use only "Block-Writes" from the controller. The
bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte
has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those
two bytes. The data is loaded until a Stop sequence is issued.
6.
At power-on, all registers are set to a default condition, as shown.
General I
2C serial interface information
The information in this section assumes familiarity with I
2C programming.
For more information, contact ICS for an I
2C programming application note.
How to Write:
• Controller (host) sends a start bit.
• Controller (host) sends the write address D2
(H)
• ICS clock will acknowledge
• Controller (host) sends a dummy command code
• ICS clock will acknowledge
• Controller (host) sends a dummy byte count
• ICS clock will acknowledge
• Controller (host) starts sending first byte (Byte 0)
through byte 5
• ICS clock will acknowledge each byte one at a time.
• Controller (host) sends a Stop bit
How to Read:
• Controller (host) will send start bit.
• Controller (host) sends the read address D3
(H)
• ICS clock will acknowledge
• ICS clock will send the byte count
• Controller (host) acknowledges
• ICS clock sends first byte (Byte 0) through byte 5
• Controller (host) will need to acknowledge each byte
• Controller (host) will send a stop bit
Notes:
Controller (Host)
ICS (Slave/Receiver)
Start Bit
Address
D3(H)
ACK
Byte Count
ACK
Byte 0
ACK
Byte 1
ACK
Byte 2
ACK
Byte 3
ACK
Byte 4
ACK
Byte 5
ACK
Stop Bit
How to Read:
Controller (Host)
ICS (Slave/Receiver)
Start Bit
Address
D2(H)
ACK
Dummy Command Code
ACK
Dummy Byte Count
ACK
Byte 0
ACK
Byte 1
ACK
Byte 2
ACK
Byte 3
ACK
Byte 4
ACK
Byte 5
ACK
Stop Bit
How to Write:


Similar Part No. - ICS9248YF-64

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-65 ICST-ICS9248YF-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248YF-66 ICST-ICS9248YF-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
More results

Similar Description - ICS9248YF-64

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
   AMD-K7TM System Clock Chip
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
   AMD-K7TM System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
   AMD - K7TM System Clock Chip
logo
Renesas Technology Corp
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
   AMD-K7TM System Clock Chip
02/23/04
logo
Integrated Circuit Syst...
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS950410 ICST-ICS950410 Datasheet
179Kb / 15P
   AMD - K System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com