Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1707 Datasheet(PDF) 5 Page - NEC

Part # UPA1707
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1707 Datasheet(HTML) 5 Page - NEC

  UPA1707 Datasheet HTML 1Page - NEC UPA1707 Datasheet HTML 2Page - NEC UPA1707 Datasheet HTML 3Page - NEC UPA1707 Datasheet HTML 4Page - NEC UPA1707 Datasheet HTML 5Page - NEC UPA1707 Datasheet HTML 6Page - NEC UPA1707 Datasheet HTML 7Page - NEC UPA1707 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet G13084EJ1V0DS00
5
µµµµPA1707
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
−40
5
0
40
80
120
140
ID = 5 A
10
20
15
VGS = 4.0 V
4.5 V
10 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
0.2
0
Pulsed
VGS = 4 V
0 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
100
1000
10000
1
10
30
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
1
0.1
10
100
1 000
1
10
100
VDS = 15 V
VGS = 10 V
RG = 10
tr
td(off)
td(on)
tf
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
ID - Drain Current - A
1
0.1
10
1
10
100
1 000
100
di/dt = 100A /
VGS = 0 V
s
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
32
0
4
8
12
16
20
24
28
14
12
10
8
6
4
2
0
40
30
20
10
0
ID = 10 A
VGS
VDD = 24 V
15 V
6 V


Similar Part No. - UPA1707

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1707 RENESAS-UPA1707 Datasheet
567Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
UPA1707G RENESAS-UPA1707G Datasheet
567Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - UPA1707

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com