Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1819A Datasheet(PDF) 7 Page - Analog Devices

Part # AD1819A
Description  AC 97 SoundPort Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819A Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1819A_15 Datasheet HTML 3Page - Analog Devices AD1819A_15 Datasheet HTML 4Page - Analog Devices AD1819A_15 Datasheet HTML 5Page - Analog Devices AD1819A_15 Datasheet HTML 6Page - Analog Devices AD1819A_15 Datasheet HTML 7Page - Analog Devices AD1819A_15 Datasheet HTML 8Page - Analog Devices AD1819A_15 Datasheet HTML 9Page - Analog Devices AD1819A_15 Datasheet HTML 10Page - Analog Devices AD1819A_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD1819A
–7–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1819A features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Parameter
Min
Max
Units
Power Supplies
Analog (AVDD)
–0.3
6.0
V
Digital (DVDD)
–0.3
6.0
V
Input Current (Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
–0.3
AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
–0.3
DVDD + 0.3 V
Ambient Temperature (Operating)
–40
+85
°C
Storage Temperature
–65
+150
°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD1819AJST –40
°C to +85°C 48-Terminal TQFP ST-48
*ST = Thin Quad Flatpack.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating
TAMB = TCASE – (PD
× θ
CA)
TCASE = Case Temperature in °C
PD = Power Dissipation in W
θ
CA = Thermal Resistance (Case-to-Ambient)
θ
JA = Thermal Resistance (Junction-to-Ambient)
θ
JC = Thermal Resistance (Junction-to-Case)
Package
JA
JC
CA
TQFP
76.2
°C/W
17
°C/W
59.2
°C/W
BIT_CLK
SYNC
tHOLD
SDATA_OUT
tSETUP
Figure 4. Data Setup and Hold
BIT_CLK
SYNC
SDATA_IN
tRISECLK
tRISESYNC
tRISEDIN
tRISEDOUT
tFALLCLK
tFALLSYNC
tFALLDIN
tFALLDOUT
SDATA_OUT
Figure 5. Signal Rise and Fall Time
BIT_CLK
SDATA_OUT
SYNC
SDATA_IN
SLOT 1
SLOT 2
WRITE
TO 0x26
DATA
PR4
DON’T
CARE
tS2_PDOWN
NOTE: BIT_CLK NOT TO SCALE
Figure 6. AC-Link, Link Low Power Mode Timing
RESET
SDATA_OUT
HI-Z
tSETUP2RST
tOFF
SDATA_IN, BIT_CLK
Figure 7. ATE Test Mode
WARNING!
ESD SENSITIVE DEVICE
OBSOLETE


Similar Part No. - AD1819A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1819 AD-AD1819 Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819BJST AD-AD1819BJST Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
More results

Similar Description - AD1819A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com