Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFF87 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SFF87
Description  8.0 AMP SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SFF87 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SFF87 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SFF87 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SFF81 THRU SFF87)
FIG.3-TYPICAL FORWARD
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
2
4
6
8
10
12
175
150
125
100
75
50
25
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.4
.6
.8
1.0
1.2
1.4 1.6
1.8
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
Tj=25 C
25
0
50
75
100
125
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
0
25
50
75
100
125
150
175
0.1
1.0
.01
10
50
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
3.0
Tj=100 C
Tj=25 C
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100 120 140
113
CASE TEMPERATURE,( C)


Similar Part No. - SFF87

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SFF80-03 FRONTIER-SFF80-03 Datasheet
65Kb / 2P
   8A SUPER FAST RECOVERY RECTIFIER
SFF80-03-LFR FRONTIER-SFF80-03-LFR Datasheet
130Kb / 2P
   8A SUPER FAST RECOVERY RECTIFIER
SFF80-03CT FRONTIER-SFF80-03CT Datasheet
65Kb / 2P
   8A DUAL SUPER FAST RECOVERY RECTIFIER
SFF80-03CT-LFR FRONTIER-SFF80-03CT-LFR Datasheet
130Kb / 2P
   8A DUAL SUPER FAST RECOVERY RECTIFIER
SFF80-04 FRONTIER-SFF80-04 Datasheet
65Kb / 2P
   8A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SFF87

ManufacturerPart #DatasheetDescription
logo
Bytes
SF81 BYTES-SF81 Datasheet
165Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF81 FORMOSA-SF81 Datasheet
39Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF81 GWSEMI-SF81 Datasheet
76Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
SF81 DGNJDZ-SF81 Datasheet
185Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF81 UNIOHM-SF81 Datasheet
74Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
FR801 GWSEMI-FR801 Datasheet
71Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
FRF801 GWSEMI-FRF801 Datasheet
71Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR801 BYTES-FR801 Datasheet
160Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR801 DGNJDZ-FR801 Datasheet
179Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR801 FORMOSA-FR801 Datasheet
36Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com