Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248YF-134-T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9248YF-134-T
Description  Frequency Timing Generator for PENTIUM II/III Systems
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-134-T Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9248YF-134-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YF-134-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YF-134-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-134-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-134-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-134-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-134-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-134-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-134-T Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ICS9248-134
Group Offset
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
GROUP
OFFSET
MEASUREMENT LOADS
MEASURE POINTS
CPU to 3V66
0.0-1.5 ns; CPU leads.
CPU @ 20pF, 3V66 @ 30pF
CPU @ 1.25V, 3V66 @ 1.5V
3V66 to PCI
0.5-4.0 ns; 3V66 leads.
3V66 @ 30pF, PCI @ 30pF
3V66 @ 1.5V, PCI @ 1.5V
CPU to IOAPIC
0.5-4.0 ns; CPU leads.
CPU @ 20pF, IOAPIC @ 20pF
CPU @ 1.25V, IOAPIC @ 1.25V
CPU to PCI
0.5-4.0 ns; CPU leads.
CPU @ 20pF, PCI @ 30pF
CPU @ 1.25V, PCI @ 1.5V
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPUCLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
VO = VDD*(0.5)
13.5
30
45
Output Impedance
1
RDSN2B
VO = VDD*(0.5)
13.5
32
45
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.24
V
Output Low Voltage
VOL2B
IOL = 12.0 mA
0.31
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-31
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
25
mA
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
1.1
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
1.4
1.8
ns
Duty Cycle
1
dt2B
VT = 1.25 V; CPU frequencies < 135 MHz
45
50
55
%
Skew
1
tsk2B
VT = 1.25 V
53
175
ps
VT = 1.25 V; CPU frequencies <135 MHz
179
275
VT = 1.25 V; CPU frequencies >=135 MHz
231
350
1Guaranteed by design, not 100% tested in production.
Jitter, Cycle-to-cycle
1
ps
tjcyc-cyc2B
Electrical Characteristics - CPU/2
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
VO = VDD*(0.5)
13.5
30
45
Output Impedance
1
RDSN2B
VO = VDD*(0.5)
13.5
31
45
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.2
V
Output Low Voltage
VOL2B
IOL = 12.0 mA
0.31
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-31
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
26
mA
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
1.1
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
1.1
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25 V
45
49
55
%
VT = 1.25 V; CPU frequencies <135 MHz
227
275
VT = 1.25 V; CPU frequencies >=135 MHz
306
350
1Guaranteed by design, not 100% tested in production.
Jitter, Cycle-to-cycle
1
ps
tjcyc-cyc2B


Similar Part No. - ICS9248YF-134-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-131-T ICST-ICS9248YF-131-T Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248YF-135-T ICST-ICS9248YF-135-T Datasheet
191Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6
ICS9248YF-138 ICST-ICS9248YF-138 Datasheet
245Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results

Similar Description - ICS9248YF-134-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
2019
logo
Integrated Circuit Syst...
ICS9250-11 ICST-ICS9250-11 Datasheet
194Kb / 8P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
   Frequency Timing Generator for Pentium II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
   Frequency Timing Generator for Pentium II Systems
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com