Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248YF-114-T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9248YF-114-T
Description  AMD - K7??System Clock Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-114-T Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9248YF-114-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YF-114-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YF-114-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-114-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-114-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-114-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-114-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-114-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-114-T Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ICS9248-114
Third party brands and names are the property of their respective owners.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
5
µA
Input Low Current
IIL1
VIN = 0V; Inputs with no pull-up resistors
-5
µA
Input Low Current
IIL2
VIN = 0V; Inputs with pull-up resistors
-200
µA
IDD3.3OP66
C
L = 0 pF; Select @ 66 MHz
180
mA
IDD3.3OP100
C
L = 0 pF; Select @ 100 MHz
180
mA
IDD3.3OP133
C
L = 0 pF; Select @ 133 MHz
180
mA
Powerdown Current
IDD3.3PD
C
L = 0 pF; Input address to VDD or GND
600
µA
Input Frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
3
ms
TCPU-PCI
CPU VT = VX, PCI VT = 1.5V, CPU=66MHz
-100
-5509
100
ps
TCPU-PCI
CPU VT = VX, PCI VT = 1.5V, CPU=100MHz -100
-2946
100
ps
TCPU-PCI
CPU VT = VX, PCI VT = 1.5V, CPU=133MHz -100
-1637
100
ps
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1
Operating Supply
Current
Skew
1


Similar Part No. - ICS9248YF-114-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-110 ICST-ICS9248YF-110 Datasheet
152Kb / 14P
   AMD-K7TM System Clock Chip
ICS9248YF-112-T ICST-ICS9248YF-112-T Datasheet
384Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results

Similar Description - ICS9248YF-114-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
   AMD - K7??System Clock Chip
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
   AMD - K7 ™ System Clock Chip
12/28/01
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
   Programmable System Clock Chip for AMD - K7 processor
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
   Programmable System Clock Chip for AMD - K7??Processor
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
   PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com