Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248-126 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248-126
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III??& K6
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-126 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248-126 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
ICS9248-126
Third party brands and names are the property of their respective owners.
Fig. 1
Shared Pin Operation -
Input/Output Pins
The I/O pins designated by (input/output) on the ICS9248-
126 serve as dual signal functions to the device. During initial
power-up, they act as input pins. The logic level (voltage)
that is present on these pins at this time is read and stored
into a 5-bit internal data latch. At the end of Power-On reset,
(seeAC characteristics for timing values), the device changes
the mode of operations for these pins to an output function.
In this mode the pins produce the specified buffered clocks
to external loads.
To program (load) the internal configuration register for these
pins, a resistor is connected to either the VDD (logic 1) power
supply or the GND (logic 0) voltage potential. A 10 Kilohm
(10K) resistor is used to provide both the solid CMOS
programming voltage needed during the power-up
programming period and to provide an insignificant load on
the output clock during the subsequent operating period.
Via to
VDD
Clock trace to load
Series Term. Res.
Programming
Header
Via to Gnd
Device
Pad
2K
W
8.2K
W
Figure 1 shows a means of implementing this function when
a switch or 2 pin header is used. With no jumper is installed
the pin will be pulled high. With the jumper in place the pin
will be pulled low. If programmability is not necessary, than
only a single resistor is necessary.The programming resistors
should be located close to the series termination resistor to
minimize the current loop area. It is more important to locate
the series termination resistor close to the driver than the
programming resistor.


Similar Part No. - ICS9248-126

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
   Frequency Generator & Integrated Buffers
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
   Frequency Generator & Integrated Buffers
2019
More results

Similar Description - ICS9248-126

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-135 ICST-ICS9248-135 Datasheet
191Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6
logo
Renesas Technology Corp
ICS9248-102 RENESAS-ICS9248-102 Datasheet
2Mb / 11P
   Frequency Generator & Integrated Buffers for Celeron & PII/III TM &K6
2019
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com