Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248YF-110 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248YF-110
Description  AMD-K7TM System Clock Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-110 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248YF-110 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248YF-110 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YF-110 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YF-110 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-110 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-110 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-110 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-110 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-110 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248-110
Third party brands and names are the property of their respective owners.
Block Diagram
9248-110 Rev C 01/08/01
Functionality
Pin Configuration
48-Pin 300mil SSOP
Recommended Application:
AMD-K7 based systems
Output Features:
3 differential pair open drain CPU clocks (2.7V external
pull-up; up to 150MHz achieviable through I
2C)
2 - AGPCLK @ 3.3V
8 - PCI @3.3V, including 1 free running
1 - 48MHz @ 3.3V
1 - 24/48MHz @ 3.3V
2- REF @3.3V, 14.318MHz.
Features:
Up to 150MHz frequency support
Support power management: CPU, PCI, stop and Power
down Mode from I
2C programming.
Spread spectrum for EMI control -0.5% down spread
Uses external 14.318MHz crystal
FS pins for frequency select
Key Specifications:
CPU – CPU: <250ps
AGP-AGP: <250ps
PCI – PCI: <400ps
CPU - SDRAM_OUT: <400ps
CPU-AGP <250ps
AMD-K7TM System Clock Chip
* Internal 120K pullup resistor on indicated inputs
** Internal 240K pullup resistor on indicated inputs
**FS0/REF0
**FS1/REF1
GNDREF
X1
X2
GNDPCI
PCICLK_F
PCICLK0
VDDPCI
PCICLK1
PCICLK2
GNDPCI
PCICLK3
PCICLK4
VDDPCI
PCICLK5
PCICLK6
VDDAGP
AGP0
AGP1
GNDAGP
VDD48
48MHz
SEL24_48#/24-48MHz
VDDREF
GNDSD
SDRAM_OUT
VDDSD
RESERVED
CPUCLKC2
CPUCLKT2
GNDCPU
CUCLKC1
CPUCLKT1
GND
CPUCLKC0
CPUCLKT0
RESERVED
VDD
GND
PCI_STOP#
CPU_STOP
PD#
SPREAD#
FS2*
SDATA
SCLK
GND48
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
FS (2:0)
SPREAD#
CPU_STOP#
X1
X2
OSC
PLL
CPU
STOP
PLL2
REF (1:0)
CPUCLKC (2:0)
CPUCLKT (2:0)
SDRAM_OUT
48MHz
PCICLK (6:0)
24_48MHz
PCICLK_F
PCI_STOP#
SEL24_48#
PD#
/ 2
/ 3
PCI
STOP
X 2
/ 2
AGP (1:0)
0
0
0
90
30.00
60.00
0
0
1
95
31.67
63.33
0
1
0
100.99
33.66
67.33
0
1
1
115
38.33
76.67
1
0
0
100.7
33.57
67.13
1
0
1
103
34.33
68.67
1
1
0
105
35.00
70.00
1
1
1
110
36.67
73.33
PCI
AGP
FS2
FS1
FS0
CPU,
SDRAM
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248YF-110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-112-T ICST-ICS9248YF-112-T Datasheet
384Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248YF-114-T ICST-ICS9248YF-114-T Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
More results

Similar Description - ICS9248YF-110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
   AMD-K7TM System Clock Chip
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
   AMD-K7TM System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
   AMD - K7TM System Clock Chip
logo
Renesas Technology Corp
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
   AMD-K7TM System Clock Chip
02/23/04
logo
Integrated Circuit Syst...
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS950410 ICST-ICS950410 Datasheet
179Kb / 15P
   AMD - K System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com