Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX470 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX470
Description  Extech 400 Series MultiMeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX470 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX470_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Features:
Large backlit LCD display
with easy-to-read 1" digits
Type K thermometer built-in
for temperature measurements
Low current capability:
measure down to 0.1μA
Input fuse protection and
mis-connection warnings
Complete with CAT III test
leads, multi-position tilt stand
and velcro strap for hanging,
protective holster with test
lead holder, bead wire
temperature probe,
and 9V battery
Specifications subject to change without notice.
Copyright © 2008-2012 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
Built-In IR Thermometer
EX450 and EX470 models offer
built-in InfraRed Thermometer
1/16/12 - R1
Patented
Rugged design with built-in IR Thermometer
Extech 400 Series Multimeters are available with or without the built-in InfraRed
thermometer, select auto or manual ranging, True RMS or averaging, and choose
the meter you want at a price you can afford.
Extech 400 Series MultiMeters
Ordering Information
EX410 ..............Manual Ranging MultiMeter
EX410-NIST ......EX410 MultiMeter w/ Calibration Traceable to NIST.
EX411 ..............True RMS Manual Ranging MultiMeter
EX411-NIST ......EX411 MultiMeter w/ Calibration Traceable to NIST.
EX420 ..............Autoranging MultiMeter
EX420-NIST ......EX420 MultiMeter w/ Calibration Traceable to NIST.
EX430 ..............True RMS Autoranging MultiMeter
EX430-NIST ......EX430 MultiMeter w/ Calibration Traceable to NIST.
EX470 ..............True RMS Autoranging MultiMeter + IR Thermometer
EX470-NISTL* ..True RMS Autoranging MultiMeter + IR Thermometer w/NIST
Accessories
CA500 ..............Case with shoulder strap and side pockets
TP873 ..............Replacement Bead wire Temperature Probe
HG500 ..............Magnetic Hanging Strap
*NISTL-Limited NIST for Certificate of Traceability to all functions
except IR Thermometer
Specifications
EX410
EX411
EX420
EX430
EX450
EX470
Temperature (IR)
——
-58 to 518°F
-58 to 518°F
(-50 to 270°C)
(-50 to 270°C)
Averaging/True RMS
Averaging
True RMS
Averaging
True RMS
Averaging
True RMS
Basic Accuracy (VDC)
±0.5%
±0.3%
±0.3%
±0.3%
±0.5%
±0.3%
AC Voltage
1mV to 750V
1mV to 750V
0.1mV to 750V
0.1mV to 750V
1mV to 750V
0.1mV to 750V
DC Voltage
0.1mV to 1000V
0.1mV to 1000V
0.1mV to 1000V
0.1mV to 1000V
0.1mV to 1000V
0.1mV to 1000V
AC Current
0.1mA to 20A
0.1mA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
DC Current
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
Resistance
0.1Ω to 20MΩ
0.1Ω to 20MΩ
0.1Ω to 40MΩ
0.1Ω to 40MΩ
0.1Ω to 20MΩ
0.1Ω to 40MΩ
Capacitance
0.01nF to 100μF
0.01nF to 100μF
0.01nF to 100μF
Frequency
0.001Hz to 10MHz
0.001Hz to 10MHz
0.001Hz to 10MHz
Temperature (Type K)
-4 to 1382°F
-4 to 1382°F
-4 to 1382°F
-4 to 1382°F
-4 to 1382°F
(-20 to 750°C)
(-20 to 750°C)
(-20 to 750°C)
(-20 to 750°C)
(-20 to 750°C)
Duty Cycle
0.1% to 99.9%
0.1% to 99.9%
0.1% to 99.9%
Continuity / Diode
Yes
Yes
Yes
Yes
Yes
Yes
Dimensions
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
Weight
0.75lbs (342g)
0.75lbs (342g)
0.75lbs (342g)
0.75lbs (342g)
0.75lbs (342g)
0.75lbs (342g)
Warranty
1 year
1 year
1 year
3 years
3 years
3 years
Model EX450
Built-in IR Thermometer
Autoranging
Model EX470
Built-in IR Thermometer
True RMS
Autoranging
Capacitance
Frequency
Relative function
Model EX410/EX411
True RMS (EX411)
Manual Ranging
Model EX420/EX430
True RMS (EX430)
Autoranging
Capacitance
Frequency
Relative function


Similar Part No. - EX470_15

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX47041-10B AXIOMTEK-EX47041-10B Datasheet
657Kb / 4P
   IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX47041-20B AXIOMTEK-EX47041-20B Datasheet
657Kb / 4P
   IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX47041-60B AXIOMTEK-EX47041-60B Datasheet
657Kb / 4P
   IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX47041-70B AXIOMTEK-EX47041-70B Datasheet
657Kb / 4P
   IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX47041-80B AXIOMTEK-EX47041-80B Datasheet
657Kb / 4P
   IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
More results

Similar Description - EX470_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX410 EXTECH-EX410_15 Datasheet
349Kb / 1P
   Extech 400 Series MultiMeters
EX420 EXTECH-EX420_15 Datasheet
349Kb / 1P
   Extech 400 Series MultiMeters
EX430 EXTECH-EX430_15 Datasheet
349Kb / 1P
   Extech 400 Series MultiMeters
EX411 EXTECH-EX411_15 Datasheet
349Kb / 1P
   Extech 400 Series MultiMeters
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
logo
Extech Instruments Corp...
MM560A EXTECH-MM560A Datasheet
312Kb / 1P
   MultiMaster??Series Precision MultiMeters
MM570A EXTECH-MM570A Datasheet
312Kb / 1P
   MultiMaster??Series Precision MultiMeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com