Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB5006-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PB5006-E3
Description  Enhanced isoCink Bridge Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PB5006-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  PB5006-E3 Datasheet HTML 1Page - Vishay Siliconix PB5006-E3 Datasheet HTML 2Page - Vishay Siliconix PB5006-E3 Datasheet HTML 3Page - Vishay Siliconix PB5006-E3 Datasheet HTML 4Page - Vishay Siliconix PB5006-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PB5006, PB5008, PB5010
www.vishay.com
Vishay General Semiconductor
Revision: 26-Jun-13
4
Document Number: 84809
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Type PB
0.066 (1.68)
REF.
0.214 (5.44) REF.
0.633 (16.07)
REF.
0.088 (2.24)
REF.
1.041 (26.44) REF.
0.070 (1.78) REF.
0.161 (4.1)
0.138 (3.5)
0.201 (5.1)
0.177 (4.5)
0.134 (3.4)
0.118 (3.0)
0.145 (3.7)
0.130 (3.3)
0.032 (0.80)
0.024 (0.60)
0.118 (3.0)
0.102 (2.6)
5° TYP.
5° TYP.
120° TYP.
Back Side View
Side View
Front Side View
1.193 (30.3)
1.169 (29.7)
0.799 (20.3)
0.776 (19.7)
0.205 (5.20)
0.189 (4.80)
0.708 (18.0)
0.669 (17.0)
0.165 (4.20)
0.150 (3.80)
0.303 (7.70)
0.287 (7.30)
0.303 (7.70)
0.287 (7.30)
0.402 (10.2)
0.386 (9.80)
0.043 (1.10)
0.035 (0.90)
0.094 (2.40)
0.079 (2.00)
0.106 (2.70)
0.091 (2.30)
0.441 (11.2)
0.425 (10.8)
0.118 (3.0) x 45°
CHAMFER


Similar Part No. - PB5006-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PB5006-E3/45 VISHAY-PB5006-E3/45 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
More results

Similar Description - PB5006-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU25H06 VISHAY-BU25H06_V01 Datasheet
139Kb / 5P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
PB3006 VISHAY-PB3006_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
PB5006 VISHAY-PB5006_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
BU2508-E3 VISHAY-BU2508-E3 Datasheet
111Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 16-Aug-13
BU1006A VISHAY-BU1006A_V01 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1206 VISHAY-BU1206_V01 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
PB3506 VISHAY-PB3506_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
BU1506 VISHAY-BU1506_V01 Datasheet
153Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1006 VISHAY-BU1006_V01 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
PB4006 VISHAY-PB4006_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com