Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9176-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9176-01
Description  Low Skew Output Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9176-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9176-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9176-01
Block Diagram
ICS9176-01-01RevB061297P
Low Skew Output Buffer
Pentium is a trademark of Intel Corporation.
the ICS9176-01 is designed specifically to support the tight
timing requirements of high-performance microprocessors
and chip sets. Because the jitter of the device is limited to
±250ps, the ICS9176-01 is ideal for clocking Pentium™
systems. The 10 high drive (40mA), low-skew (±250ps)
outputs make the ICS9176-01 a perfect fit for PCI clocking
requirements.
The ICS9176-01 has 10 outputs synchronized in phase and
fre-quency to an input clock. The internal phase locked loop
(PLL) acts either as a 1X clock multiplier or a 1/2X clock
multiplier depending on the state of the input control pins T0
and T1. With metal mask options, any type of ratio between
the input clock and output clock can be achieved, including
2X.
The PLL maintains the phase and frequency relationship be-
tween the input clock and the outputs by externally feeding
back FBOUT to FBIN. Any change in the input will be tracked
by all 10 outputs. However, the change at the outputs will
happen smoothly so no glitches will be present on any driven
input. The PLL circuitry matches rising edges of the input
clock and the output clock. Since the input to FBIN skew is
guaran-teed to ±500ps, the part acts as a “zero delay” buffer.
The ICS9176-01 has a total of eleven outputs. Of these,
FBOUT is dedicated as the feedback into the PLL and another,
Q/2, has an output frequency half that of the remaining nine.
These nine outputs can either be running at the same speed as
the input, or at half the frequency of the input. With Q/2 as the
feedback to FBIN, the nine ‘Q’ outputs will be running at twice
the input frequency in the normal divide-by-1 mode. In this
case, the output can go to 120 MHz with a 60 MHz input clock.
The maximum rise and fall time of an output is 1ns and each is
TTL-compatible with a 40mA symmetric drive.
The ICS9176-01is fabricated using CMOS technology which
results in much lower power consumption and cost compared
with the gallium arsenide based 1086E. The typical operating
current for the ICS9176-01 is 60mA versus 115mA for the
GA1086E.
Functionality
ICS9176-01-01 is pin compatible with Triquint GA1086
±500ps skew (max) between input and outputs
±250ps skew (max) between outputs
10 symmetric, TLL-compatible outputs
28-pin PLCC or 28-pin wide SOIC surface mount
package
High drive, 40mA outputs
Power-down option
Output frequency range 20 MHz to 120 MHz
Input frequency range 20 MHz to 100 MHz
Ideal for PCI bus applications
FS1
FS0
DESCRIPTION
0
0
Power-down
0
1
Test Mode (PLL Off CLK=outputs)
1
0
Normal (PLL On)
1
1
Divide by 2 Mode
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9176-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
   Low Skew Output Buffer
2019
ICS9176CM-03 RENESAS-ICS9176CM-03 Datasheet
544Kb / 9P
   Low Skew Output Buffer
2019
More results

Similar Description - ICS9176-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
   Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
   Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
   Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
   Low Skew Output Buffer
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
   Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
   Low Skew Output Buffer
logo
Abracon Corporation
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
   Low Skew Output Buffer
03/21/05
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
   Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
   Low Skew Output Buffer
2019
logo
Micrel Semiconductor
PL102-10 MICREL-PL102-10 Datasheet
287Kb / 7P
   Low Skew Output Buffer
logo
Integrated Circuit Syst...
ICS9112-28 ICST-ICS9112-28 Datasheet
87Kb / 3P
   Low Skew Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com