Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7751 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7751
Description  Energy Metering IC with On-Chip Fault Detection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7751 Datasheet(HTML) 4 Page - Analog Devices

  AD7751_15 Datasheet HTML 1Page - Analog Devices AD7751_15 Datasheet HTML 2Page - Analog Devices AD7751_15 Datasheet HTML 3Page - Analog Devices AD7751_15 Datasheet HTML 4Page - Analog Devices AD7751_15 Datasheet HTML 5Page - Analog Devices AD7751_15 Datasheet HTML 6Page - Analog Devices AD7751_15 Datasheet HTML 7Page - Analog Devices AD7751_15 Datasheet HTML 8Page - Analog Devices AD7751_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
REV. 0
AD7751
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7751 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AVDD . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND
V1A, V1B, V1N, V2P and V2N . . . . . . . . . . . –6 V to +6 V
Reference Input Voltage to AGND . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Industrial (A, B Versions) . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
24-Lead Plastic DIP, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . .
105
°C/W
Lead Temperature, (Soldering 10 sec) . . . . . . . . . . . 260
°C
24-Lead SSOP, Power Dissipation . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . .
112
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
TERMINOLOGY
MEASUREMENT ERROR
The error associated with the energy measurement made by the
AD7751 is defined by the following formula:
Percentage Error =
Energy Registered by the AD7751 – True Energy
True Energy
× 100%
PHASE ERROR BETWEEN CHANNELS
The HPF (High Pass Filter) in Channel 1 has a phase lead
response. To offset this phase response and equalize the phase
response between channels a phase correction network is also
placed in Channel 1. The phase correction network matches the
phase to within
±0.1° over a range of 45 Hz to 65 Hz and ±0.2°
over a range 40 Hz to 1 kHz.
POWER SUPPLY REJECTION
This quantifies the AD7751 measurement error as a percentage
of reading when the power supplies are varied.
For the ac PSR measurement a reading at nominal supplies
(5 V) is taken. A 200 mV rms/100 Hz signal is then introduced
onto the supplies and a second reading obtained under the same
input signal levels. Any error introduced is expressed as a per-
centage of reading—see Measurement Error definition.
For the dc PSR measurement a reading at nominal supplies
(5 V) is taken. The supplies are then varied
±5% and a second
reading is obtained with the same input signal levels. Any error
introduced is again expressed as a percentage of reading.
ADC OFFSET ERROR
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND the ADCs still see an analog input signal of 0 mV to
±15 mV, depending on gain setting. However, when the HPF is
switched on the offset is removed from the current channel and
the power calculation is not affected by this offset.
GAIN ERROR
The gain error of the AD7751 is defined as the difference be-
tween the measured output frequency (minus the offset) and
the ideal output frequency. It is measured with a gain of 1 in
Channel 1. The difference is expressed as a percentage of the
ideal frequency. The ideal frequency is obtained from the trans-
fer function—see Transfer Function section.
GAIN ERROR MATCH
The gain error match is defined as the gain error (minus the
offset) obtained when switching between a gain of 1 and a gain
of 2, 8, or 16. It is expressed as a percentage of the output
frequency obtained under a gain of 1. This gives the gain
error observed when the gain selection is changed from 1 to 2,
8 or 16.


Similar Part No. - AD7751_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7751AAN AD-AD7751AAN Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751AAN-REF AD-AD7751AAN-REF Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751AARS AD-AD7751AARS Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751ABRS AD-AD7751ABRS Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
More results

Similar Description - AD7751_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7760 AD-ADE7760 Datasheet
514Kb / 24P
   Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7751ARSZ AD-ADE7751ARSZ Datasheet
379Kb / 16P
   Energy Metering IC with On-Chip Fault Detection
REV. 0
AD7751 AD-AD7751 Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
ADE7751 AD-ADE7751 Datasheet
422Kb / 16P
   Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7760 AD-ADE7760_15 Datasheet
530Kb / 24P
   Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7761 AD-ADE7761_15 Datasheet
980Kb / 28P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
ADE7761A AD-ADE7761A_15 Datasheet
518Kb / 24P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
ADE7761A AD-ADE7761A Datasheet
518Kb / 24P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
ADE7761 AD-ADE7761 Datasheet
326Kb / 28P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
ADE7761B AD-ADE7761B Datasheet
533Kb / 24P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com