Electronic Components Datasheet Search |
|
RM27W2S-1007 Datasheet(PDF) 1 Page - Winchester Electronics Corporation |
|
RM27W2S-1007 Datasheet(HTML) 1 Page - Winchester Electronics Corporation |
|
1 / 1 page .492 12.50 .246 6.25 .030 .76 .142 3.61 A1 PIN 1 2X #4-40 THRU 2.734 69.44 .420 10.67 .244 6.19 2X 313-010-6040G 6 .490 12.45 MAX .032 .81 .311 7.90 .152 3.86 SOME HARDWARE REMOVED FOR CLARITY THIS VIEW .050 1.27 .100 2.54 .200 5.08 8X .052 1.32 27X .045 1.14 2X .120 3.05 2X 1.250 31.75 2X .109 2.77 2X .218 5.54 2X .326 8.28 2X .435 11.05 2X .544 13.82 2X .652 16.56 4X .793 20.14 4X .993 25.22 2X .055 1.40 2X .163 4.14 2X .272 6.91 2X .381 9.68 2X .489 12.42 2X .598 15.19 2X .893 22.68 .420 10.67 SHELL FLANGE EDGE RECOMMENDED HOLE LAYOUT: FOOTPRINT SHOWS COMPONENT SIDE .004[0.10] A .004[0.10] A .004[0.10] A A CATALOG P/N: RM27W2S-1007 NOTES: UNLESS OTHERWISE SPECIFIED 1. FOR GENERAL SERIES SPECIFICATIONS, SEE SD10-0000. 2. MATERIAL SPECIFICATIONS: SHELL: STEEL PER ASTM A568 INSULATOR: GLASS FILLED POLYESTER PER ASTM A568 SIGNAL CONTACTS: BRASS PER ASTM B16 BRACKETS: COLD ROLLED STEEL PER ASTM A620 CLINCH NUTS: BRASS PER ASTM B16 BOARDLOCKS: COPPER ALLOY 3. FINISH SPECIFICATIONS: SHELL: YELLOW CHROMATE OVER ZINC PER ASTM-B633 TYPE II INSULATOR: GREEN SIGNAL CONTACTS: 30 µIN Au PER ASTM B488 OVER 20 µIN Ni PER SAE-ASM-QQ-N-290 BOARDLOCKS: TIN PLATED ALL OTHER METAL COMPONENTS: YELLOW CHROMATE OVER ZINC PER ASTM B633 TYPE II 5. STANDOFF FORCES: STANDARD - PCB: 36 LBS. MAX. INSERTION AND 28 LBS. MIN. RETENTION 6 SEE CONTACT SALES DRAWING FOR CONTACT SPECIFICATIONS 7. THIS IS A NON-RoHS ASSEMBLY A REV B SDRM27W2S-1007 WincheserElecronics Winchester Electronics Corporation 62 Barnes Industrial Road North Wallingford, Connecticut 06492 BY DATE APPD EWR-ER07-2522 DESCRIPTION B REV XX/XX/XX XXX DATE APPROVED XX/XX/XX XXX DATE APPROVED 02/22/07 WPM DATE APPROVED 02/22/07 RDG DATE DRAWN CUSTOMER DRAWING PER ASME Y14.5M-1994 UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN INCHES [MM] TOLERANCES: DECIMAL: .XX [X.X] ± .01 [0.3] .XXX [X.XX] ± .005 [0.13] .XXXX [X.XXX] ± .XXXX ANGLES: ± 2° SCALE: X:X 1 SHT OF 1 RM27W2S-1007 R/A D-SUB RECEPTACLE (NON RoHS) |
Similar Part No. - RM27W2S-1007 |
|
Similar Description - RM27W2S-1007 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |